Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347S Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM5347S
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347S Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM5347S Datasheet HTML 35Page - PMC-Sierra, Inc PM5347S Datasheet HTML 36Page - PMC-Sierra, Inc PM5347S Datasheet HTML 37Page - PMC-Sierra, Inc PM5347S Datasheet HTML 38Page - PMC-Sierra, Inc PM5347S Datasheet HTML 39Page - PMC-Sierra, Inc PM5347S Datasheet HTML 40Page - PMC-Sierra, Inc PM5347S Datasheet HTML 41Page - PMC-Sierra, Inc PM5347S Datasheet HTML 42Page - PMC-Sierra, Inc PM5347S Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
Pin Name
Type
Pin
No.
Function
RDAT[0]
RDAT[1]
RDAT[2]
RDAT[3]
RDAT[4]
RDAT[5]
RDAT[6]
RDAT[7]
RDAT[8]
RDAT[9]
RDAT[10]
RDAT[11]
RDAT[12]
RDAT[13]
RDAT[14]
RDAT[15]
Tristate
194
195
196
199
202
203
204
205
208
1
2
3
6
9
10
11
The receive cell data (RDAT[15:0]) bus carries the
ATM cell octets that are read from the receive
FIFO. When the 16-bit SCI-PHY interface is
selected, (BUS8 is tied low), RDAT[15:0] contains
the 16 bit wide word bus. When the 8-bit SCI-
PHY interface is selected (BUS8 is tied high),
RDAT[7:0] contains the 8-bit wide word bus
(RDAT[15:8] is not used). RDAT[15:0] is updated
on the rising edge of RFCLK.
When the S/UNI-PLUS is configured for tristate
operation using the TSEN input, tristating of
output bus RDAT[15:0] is controlled by input
RRDENB.
RXPRTY[0]
RXPRTY[1]
Tristate
192
193
The receive parity (RXPRTY[1:0]) signals indicate
the parity of the RDAT[15:0] bus. RXPRTY[1] is
the parity calculation over the RDAT[15:8] bus.
RXPRTY[0] is the parity calculation over the
RDAT[7:0] bus. Alternately, the device can be
configured so that RXPRTY[1] is the parity
calculation over the entire RDAT[15:0] bus.
RXPRTY[0] is not used in this case. Odd or even
parity selection can be made using the RACP
Control register. RXPRTY[1:0] is updated on the
rising edge of RFCLK.
When the S/UNI-PLUS is configured for tristate
operation using the TSEN input, tristating of
output bus RXPRTY[1:0] is control by input
RRDENB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com