Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1E2 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # 1E2
Description  1.0 AMP. Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

1E2 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  1E2 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 1E2 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2of2
FIG. – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
0.4
0.2
0
25
0.6
0.8
1.0
50
75
100
125
150
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 3 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
20
10
0
30
40
2
5
10
20
50
100
FIG.4 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE
,
(V)
1
100
10
1
4
10
100
TJ = 25°C
f = 1 MHz
1E5 -1E8
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE
(V)
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
100
10
0.1
1.0
2.0
TA = 25°C
PULSE WIDTH 300us
1E5-1E6
1E8
1E1-1E4
1E1-1E4
1E1 THRU 1E8
version:01
www.dyelec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com