Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1F1 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # 1F1
Description  1.0 AMP. Fast Plastic silicon Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

1F1 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  1F1 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 1F1 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig.4-TYPICAL JUNCTION CAPACITANCE
Fig.3-PEAK FORWARD SURGE CURRENT
2
1
1F1 THRU 1F7
2of2
10
1
0.1
0.01
0.2
0.4
0.6
0.8
1.0 1.2 1.4
T = 25
PULSE
WIDTH = 30
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
20
40
60
80
120
140
160
180
MAXIMUM AVERAGE CURRENT RATING
SINGLE PHASE, HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE
LOAD .375"(9.5mm) LEAD LENGTHS
AMBIENT TEMPERATURE,
Fig. -TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Fig. -FORWARD CURRENT DERATING CURVE
100
10
1
1
4
10
T = 25
REVERSE VOLTAGE
30
24
18
12
6
1
2
4
6 8 10
20
60 80 100
40
NUMBER OF CYCLES AT 60Hz
℃
℃
℃
A
A
0 s
V
V
version:01
www.dyelec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com