Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1S4 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # 1S4
Description  1.0 AMP. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

1S4 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  1S4 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 1S4 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version:01
2of2
1.0
.50
0
.25
.75
0
20
40
60
80
100
120
140
Fig.1-FORWARD CURRENT DERATING CURVE
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.5mm LEAD LENGTHS
1000
10
0.1
1.0
10
100
1
10
100
30
25
20
15
10
5
0
100
Fig.4-TYPICAL JUNCTION CAPACITANCE
Fig.3-MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE, (V)
T=25 C
J
O
5
20
0
0.1
10
1.0
INSTANTANEOUS FORWARD VOLTAGE, (V)
Fig.2-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
T=25 C
Pulse Width=300us
1% Duty Cycle
A
O
.2 .4 .6 .7 .9 1.1 1.3 1.5 1.7 1.9
50-60V
20-40V
1.0 AMP. Schottky Barrier Rectifiers
80-100V
150-200V
250V
www.dyelec.com
1S2 THRU 1S25
AMBIENT TEMPERATURE (
)
C
°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com