Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1S10 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # 1S10
Description  1.0 AMP. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

1S10 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  1S10 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 1S10 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1S2 THRU 1S25
Case: Molded plastic R-1
version:01
1of2
1S3
5.0
1S2
Mechanical Data
·
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
· Lead Free: For RoHS/Lead Free Version
Features
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
Unit
VRRM
20
30
40
50
60
80
100
150
200
V
VRMS
14
21
28
35
42
56
70
105
140
V
VDC
20
30
40
50
60
80
100
150
200
V
IO
A
IFSM
A
VFM
0.92
0.95
V
C
pF
℃/W
TJ
℃
TSTG
℃
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
Type Number
mA
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
@T =75 ℃
-55 to+150
0.1
IR
10.0
80
110
Forward Voltage
@IF=1.0A
Peak Reverse Current
@T =25 ℃
At Rated DC Blocking Voltage @T =100℃
Maximum Ratings and Electrical Characteristics
1.0
Maximum Recurrent Peak Reverse Voltage
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
0.7
30
0.85
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance Junction to
Ambient(Note 1)
Operating Temperature Range
Storage Temperature Range
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
1S4
1S5 1S6 1S8 1S10 1S15 1S20
0.55
RθJA
A
A
0.05
1.0 AMP. Schottky Barrier Rectifiers
A
J
-55 to+150
Dimensions in inches and(millimeters)
MIN.
MIN.
DIA.
DIA.
R-1
1S25
250
175
250
www.dyelec.com
45
31.5
45
1S45
High surge current capability
High reliability
High current capability
Low forward voltage drop
·
·
·
·
Plastic material-UL flammability 94V-0
·


Similar Part No. - 1S10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1S10 PANJIT-1S10 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Dc Components
1S10 DCCOM-1S10 Datasheet
396Kb / 2P
TECHNICAL SPECIFICTIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
1S10 PANJIT-1S10 Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
1S10 PANJIT-1S10 Datasheet
59Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
1S100 DAESAN-1S100 Datasheet
350Kb / 2P
CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
More results

Similar Description - 1S10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SB120 DGNJDZ-SB120 Datasheet
262Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220 DGNJDZ-SR220 Datasheet
178Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1150.1A-DO-41 DGNJDZ-SR1150.1A-DO-41 Datasheet
318Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com