Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2452AM Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IRS2452AM
Description  Class D Audio IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRS2452AM Datasheet(HTML) 2 Page - Infineon Technologies AG

  IRS2452AM Datasheet HTML 1Page - Infineon Technologies AG IRS2452AM Datasheet HTML 2Page - Infineon Technologies AG IRS2452AM Datasheet HTML 3Page - Infineon Technologies AG IRS2452AM Datasheet HTML 4Page - Infineon Technologies AG IRS2452AM Datasheet HTML 5Page - Infineon Technologies AG IRS2452AM Datasheet HTML 6Page - Infineon Technologies AG IRS2452AM Datasheet HTML 7Page - Infineon Technologies AG IRS2452AM Datasheet HTML 8Page - Infineon Technologies AG IRS2452AM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
IRS2452AM
2
Rev. 1.2
2016-10-05
Description
The IRS2452AM integrates two channels of high voltage, high performance Class D audio amplifier drivers with
PWM modulators and protections. In conjunction with external MOSFET, the IRS2452AM forms a complete 2
channel Class D audio amplifier. The IRS2452AM is designed with floating analog inputs and protection control
interface pins convenient for half bridge applications. High and low side MOSFET are protected from over current
conditions by a programmable over current protection. Essential elements of PWM modulator section allow
flexible system design. A small MLPQ 7x7mm package enhances the benefit of smaller size of Class D topology.
The IRS2452AM is a lead-free, ROHS compliant.
Qualification Information
†
Qualification Level
Industrial
††
Comments: This family of ICs has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is granted by
extension of the higher Industrial level.
Moisture Sensitivity Level
MSL2†††, 260°C
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class B
(per JEDEC standard EIA/JESD22-A115)
Human Body Model
Class 1B
(per EIA/JEDEC standard JESD22-A114)
Charge Device Model
Class 0B
(per EIA/JEDEC standard JESD22-C101)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
†
Qualification standards can be found at Infineon web site http://www.infineon.com/product-info/reliability/
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your
Infineon Technology sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your Infineon
Technology sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com