Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2003 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP2003
Description  Synchronous PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2003 Datasheet(HTML) 4 Page - Anachip Corp

  AP2003 Datasheet HTML 1Page - Anachip Corp AP2003 Datasheet HTML 2Page - Anachip Corp AP2003 Datasheet HTML 3Page - Anachip Corp AP2003 Datasheet HTML 4Page - Anachip Corp AP2003 Datasheet HTML 5Page - Anachip Corp AP2003 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP2003
Synchronous PWM Controller
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev. 0.1 Feb.10, 2004
4/6
Typical Application Circuit
(1)
8
7
6
5
1
2
3
4
D1
Option
VCC
COMP
SS/SHDN
SENSE
DRVH
BSTH
GND
DRVL
Q1
STP40NE
Q2
STP40NE
L1
4uH
C9
180/4V
C10
180/4V
C11
180/4V
C12
180/4V
C13
180/4V
Vout=2.0V*
+
-
Vin
5V
+
-
C8
680/6.3V
C7
680/6.3V
C6
680/6.3V
R7
127
R8
191*
Note:
* Vout=0.8 x (1+R8/R7)
+12V
AP2003
C5
10u
C2
0.1u
R6 Option
R5 Option
(2)
8
7
6
5
1
2
3
4
D1
Option
VCC
COMP
SS/SHDN
SENSE
DRVH
BSTH
GND
DRVL
Q1
STP40NE
Q2
STP40NE
L1
4uH
C9
180/4V
C10
180/4V
C11
180/4V
C12
180/4V
C13
180/4V
Vout=2.0V*
+
-
Vin
5V
+
-
C8
680/6.3V
C7
680/6.3V
C6
680/6.3V
R7
127
R8
191*
Note:
* Vout=0.8 x (1+R8/R7)
AP2003
C5
10u
C2
0.1u
R5 Option
C1
1u
5V input with Bootstrapped BSTH
R6 Option
D2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com