Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8A6 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # 8A6
Description  8.0 AMP. Silicon Rectifiers Plastic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

8A6 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  8A6 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 8A6 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version:01
2of2
8A05 THRU 8A10
2
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
4.0
2.0
0
6.0
8.0
10.0
12.0
25
50
125
100
75
150
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0
1.0
10
0.1
100
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
FIG. -TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE ( V )
PULSE WIDTH 300us
TA = 25°C
4
NUMBER OF CYCLES AT 60Hz
1
300
200
100
0
400
2
5
10
20
50
100
PULSE WIDTH 8.3
ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG. – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ( V )
1000
100
0
1
4
10
100
TJ = 25°C
f = 1 MHz
3
FIG. – MAXIMUM NON-REPETITIVE SURGE CURRENT
www.dyelec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com