Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2003S Datasheet(PDF) 3 Page - Anachip Corp

Part # AP2003S
Description  Synchronous PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2003S Datasheet(HTML) 3 Page - Anachip Corp

  AP2003S Datasheet HTML 1Page - Anachip Corp AP2003S Datasheet HTML 2Page - Anachip Corp AP2003S Datasheet HTML 3Page - Anachip Corp AP2003S Datasheet HTML 4Page - Anachip Corp AP2003S Datasheet HTML 5Page - Anachip Corp AP2003S Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP2003
Synchronous PWM Controller
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev. 0.1 Feb.10, 2004
3/6
Electrical Characteristics
Unless specified: VCC = 12V; GND = 0V; FB = VO; VBSTH-GND = 12V; TJ = 25
oC
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supply
VCC
Supply Voltage
VCC
4.2
16
V
ICC
Supply Current
6
10
mA
∆VLINE
Line Regulation
VO = 2.5V
0.5
%
Error Amplifier
AOL
Gain (AOL)
50
dB
IB
Input Bias
5
8
uA
Oscillator
FOSC
Oscillator Frequency
180
200
220
KHz
DCMAX
Oscillator Max Duty Cycle
90
95
%
Mofset Drivers
IDRVH
DRVH Source/Sink
VBSTH – VDRVH =4.5V
VDRVH – VPHASE = 2V
1
A
IDRVL
DRVL Source/Sink
VBSTH – VDRVL = 4.5V
VDRVL – VGND = 2V
1
A
Protection
TDEAD
Dead Time
45
100
nS
Reference
Reference Voltage
0.792
0.8
0.808
V
VREF
Accuracy
0
oC to 70oC
-1
+ 1
%
Soft Start
ISSC
Charge Current
VSS = 1.5V
8.0
10
12
uA
ISSD
Discharge Current
VSS = 1.5V
1.3
2
2.7
uA
Under voltage lockout (UVLO)
VUT
Upper threshold voltage
(VCC)
4.2
V
VLWT
Lower threshold voltage
(VCC)
4.1
V
VHT
Hysteresis (VCC)
IO(REF) = 0.1mA
TA = 25ºC
200
mV
Note 1. Specification refers to Typical Application Circuit.
Note 2. This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com