Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2003SLA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP2003SLA
Description  Synchronous PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2003SLA Datasheet(HTML) 1 Page - Anachip Corp

  AP2003SLA Datasheet HTML 1Page - Anachip Corp AP2003SLA Datasheet HTML 2Page - Anachip Corp AP2003SLA Datasheet HTML 3Page - Anachip Corp AP2003SLA Datasheet HTML 4Page - Anachip Corp AP2003SLA Datasheet HTML 5Page - Anachip Corp AP2003SLA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP2003
Synchronous PWM Controller
(Preliminary)
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.1 Feb.10, 2004
1/6
Features
- Single or Dual Supply Application
- 0.8V + 1.0% Voltage Reference.
- Fast transient response.
- Synchronous operation for high efficiency (95%)
- Soft Start functions
- Small size with minimum external components
- Industrial temperature range
- Under Voltage Lockout function
- SOP-8L package
Applications
- Microprocessor core supply
- Low cost synchronous applications
- Voltage Regulator Modules (VRM)
- DDR termination supplies
- Networking power supplies
- Sequenced power supplies
General Description
The AP2003 is a low-cost, full featured, and
synchronous voltage-mode controller designed for
use in single ended power supply applications
where efficiency is of the primary concern.
This
synchronous operation allows the elimination of
heat sinks in many applications. The AP2003 is
ideal for implementing DC/DC converters needed to
power advanced microprocessors in low cost
systems, or in distributed power applications where
efficiency
is
important.
Internal
level-shift,
high-side drive circuitry, and preset shoot-thru
control, allows the use of inexpensive N-channel
power switches.
AP2003 features include temperature compensated
voltage reference, an internal 200KHz virtual
frequency
oscillator,
under-voltage
lockout
protection, soft-start, and shutdown function.
Pin Assignment
SOP-8L
1
2
3
45
6
7
8
(Top View)
VCC
GND
AP2003
DRVH
DRVL
BSTH
SENSE
SS/SHDN
COMP
Ordering Information
AP2003 X X X
Package
Packing
S: SOP-8L
Blank : Tube
A : Taping
Lead Free
Blank : Normal
L : Lead Free Package
Pin Descriptions
Name
Description
VCC
Chip supply voltage
DRVH
High side driver output
DRVL
Low side driver output
BSTH
Bootstrap, high side driver
SENSE
Voltage sense input
COMP
Compensation pin
SS/ SHDN
Soft start, a capacitor to ground sets
the slow start time
GND
Ground


Similar Part No. - AP2003SLA

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
AP200 CAMPBELL-AP200 Datasheet
439Kb / 2P
CO2/H20 Atmospheric Profile System
01/15/2020
logo
LEM
AP200-B10 LEM-AP200-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
AP200-B420L LEM-AP200-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
logo
Advanced Semiconductor
AP2000A-00 ASI-AP2000A-00 Datasheet
14Kb / 1P
SILICON PIN DIODE CHIP
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
More results

Similar Description - AP2003SLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
Synchronous PWM Controller
Rev. 0.2 Apr 14, 2004
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
Synchronous PWM Controller
Rev. 1.0 Apr 1, 2005
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
Synchronous PWM Controller
November, 2009 ??Rev. P1
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
Synchronous PWM Controller
May, 2010 ??Rev. 0
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
Synchronous PWM Controller
November, 2010 ??Rev. 3
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
Synchronous PWM Controller
April, 2011 ??Rev. 1
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com