Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2682 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2682
Description  Switched Capacitor Voltage Doubling Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2682 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2682 Datasheet HTML 1Page - National Semiconductor (TI) LM2682 Datasheet HTML 2Page - National Semiconductor (TI) LM2682 Datasheet HTML 3Page - National Semiconductor (TI) LM2682 Datasheet HTML 4Page - National Semiconductor (TI) LM2682 Datasheet HTML 5Page - National Semiconductor (TI) LM2682 Datasheet HTML 6Page - National Semiconductor (TI) LM2682 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage (V
IN)
+5.8V
V
IN dV/dT
1V/µsec
V
OUT
−11.6V
V
OUT Short-Circuit Duration
Continuous
Storage Temperature
−65˚C to +150˚C
Lead Temperature Soldering
+300˚C
Power Dissipation (Note 2)
MSOP-8
300 mW
SO-8
470 mW
T
JMAX
+150˚C
Operating Ratings
ESD Susceptibility (Note 3)
Human Body Model
Machine Model
2kV
200V
Ambient Temp. Range
−40˚C to +85˚C
Junction Temp. Range
−40˚C to +125˚C
LM2682
Electrical Characteristics V
IN = 5V and C1 = C2 = C3 = 3.3µF unless otherwise specified. Limits with bold
typeface apply over the full operating ambient temperature range, −40˚C to +85˚C, limits with standard typeface apply for T
A
= 25˚C.
Symbol
Parameter
Conditions
Min
Typical
(Note 4)
Max
Units
V
IN
Supply Voltage Range
R
L = 2kΩ
2.0
5.5
V
I
IN
Supply Current
Open Circuit, No Load
150
300
400
µA
R
OUT
V
OUT Source Resistance
I
L = 10 mA
90
150
Ω
200
I
L=5 mA, VIN=2 V
110
250
Ω
f
OSC
Oscillator Frequency
(Note 5)
12
30
kHz
f
SW
Switching Frequency
(Note 5)
6
15
kHz
η
POWER
Power Efficiency
R
L = 2k (Note 6)
90
93
%
η
VOLTAGE
Voltage Conversion Efficiency
99.9
%
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The maximum power dissipation must be de-rated at elevated temperatures (only needed for TA>85˚C) and is limited by TJMAX (maximum junction tempera-
ture),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). θJ-A is 140˚C/W for the SO-8 package and 220˚C/W for the MSOP-8 package. The
maximum power dissipation at any temperature is:
PDissMAX = (TJMAX −TA)/θJ-A up to the value listed in the Absolute Maximum Ratings.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged di-
rectly into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely norm.
Note 5: The output switches operate at one half of the oscillator frequency, fOSC = 2fSW.
Note 6: The minimum specification is guaranteed by design and is not tested.
Pin Description
Pin Number
Symbol
Description
1C
1−
Capacitor C
1 negative terminal
2C
2+
Capacitor C
2 positive terminal
3C
2−
Capacitor C
2 negative terminal
4V
OUT
Negative output voltage (−2V
IN)
5
GND
Device ground
6V
IN
Power supply voltage
7C
1+
Capacitor C
1 positive terminal
8
NC
No Connection
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com