Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFC40 Datasheet(PDF) 1 Page - Seme LAB

Part # BFC40
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE ISOLATED POWER MOSFETS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFC40 Datasheet(HTML) 1 Page - Seme LAB

  BFC40 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BFC40
LAB
SEME
Prelim. 2/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
BVDSS
RDS(ON)
IDSS
IGSS
VGS(off)
Ciss
Coss
Crss
ton
toff
VSD
|YFS|
VDSS
ID
IDM
VGS
PD
TJ , TSTG
1
3
2
3.55 (0.140)
3.81 (0.150)
0.40 (0.016)
0.79 (0.031)
2.21 (0.087)
2.59 (0.102)
1.01 (0.040)
1.40 (0.055)
15.49 (0.610)
16.26 (0.640)
4.69 (0.185)
5.31 (0.209)
1.49 (0.059)
2.49 (0.098)
1.65 (0.065)
2.13 (0.084)
5.25 (0.215)
BSC
2.87 (0.113)
3.12 (0.123)
TO247–AD Package Outline.
Dimensions in mm (inches)
Drain – Source Voltage
Continuous Drain Current
Pulsed Drain Current
Gate – Source Voltage
Total Power Dissipation
Operating and Storage Junction Temperature Range
VGS = 0V , ID = 1mA
VGS =10V , ID = 1A
VDS = 1200V , VGS = 0V
VGS = ±20V , VDS = 0V
VDS = 10V , ID = 1.0mA
VDS = 20V
f = 1MHz
VGS = 10V
ID = 1A
VGS = 0 , IS = 2A
VDS = 20V , ID = 1A
N–CHANNEL
ENHANCEMENT MODE
HIGH VOLTAGE
ISOLATED
POWER MOSFETS
1500
2
4
±20
50
–55 to +150
V
A
A
V
W
°C
Drain – Source Breakdown Voltage
Drain – Source On State Resistance
Zero Gate Voltage Drain Current
Gate – Source Leakage Current
Cutoff Voltage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn–on Time
Turn-off Time
Diode Forward Voltage
Forward Transfer Admittance
1500
8.0
11.0
100
±100
1.5
3.5
550
90
30
30
200
1.0
1.5
1.0
1.5
V
W
mA
nA
V
pF
ns
V
S
ABSOLUTE MAXIMUM RATINGS (TAMB = 25°C unless otherwise stated)
ELECTRICAL CHARACTERISTICS (TAMB = 25°C unless otherwise stated)
VDSS
1500V
ID(cont)
2A
RDS(on)
8.00
W
W
W
W
Pin 1 – Gate
Pin 2 – Drain
Pin 3 – Source


Similar Part No. - BFC40

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFC41 SEME-LAB-BFC41 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
logo
Inchange Semiconductor ...
BFC41 ISC-BFC41 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Seme LAB
BFC42 SEME-LAB-BFC42 Datasheet
27Kb / 2P
4TH GENERATION MOSFET
logo
Inchange Semiconductor ...
BFC42 ISC-BFC42 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Seme LAB
BFC43 SEME-LAB-BFC43 Datasheet
27Kb / 2P
4TH GENERATION MOSFET
More results

Similar Description - BFC40

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10B75XX SEME-LAB-SML10B75XX Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10J144 SEME-LAB-SML10J144 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10J225 SEME-LAB-SML10J225 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
BFC60 SEME-LAB-BFC60 Datasheet
17Kb / 1P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE ISOLATED POWER MOSFETS
logo
Advanced Power Technolo...
APT6060AN ADPOW-APT6060AN Datasheet
386Kb / 4P
N-CHANNEL ENHANCEMENT-MODE HIGH VOLTAGE POWER MOSFETS
logo
Seme LAB
BFC18 SEME-LAB-BFC18 Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com