Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E1D Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # E1D
Description  1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

E1D Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  E1D Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. E1D Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEAD TEMPERATURE( C)
FIG.4TYPICAL JUNCTION CAPACITANCE
FIG.5TYPICAL REVERSE CHRACTERISTICS
FIG.2TYPICAL FORWARD CHARACTERISTICS
version:01
2of2
FIG.1 MAXIMUM AVERAGE FORWARD CURRENT DERATING
O
0
0
0.5
1.0
1.5
20
40
60
80
100
120
140
160
180
SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD P.C.B MOUNTED
ON 0.3 x 0.3" (8.0 x 8.0 mm)COPPER PAD AREAS
FIG.1MAXIMUM AVERAGE FORWARD CURRENT DERATING
INSTANTANEOUS FORWARD VOLTAGE(V)
1.0
.1
.0 1
.0 01
0 .4
0 .6
0.8
1 .0
1.2
111
...
468
T= 2 5 C
A
O
10
600V
400V
50-200V
NUMBER OF CYCLES AT 60Hz
40 60 80 100
1
2
46
8 10
20
5
20
15
10
30
25
35
FIG.3MAXIMUM NON-REPEITIVE SURGE CURRENT
REVERSE VOLTAGE, (V)
0.1
1
10
100
Tj= 25 C
f= 1 .0MHz
Vsig = 50mVp -p
O
12
0
2.0
4.0
6.0
8.0
10
14
16
18
PERCENT OF RATED PEAK INVERSE VOLTGE
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
A
O
T= 25 C
A
O
T = 125 C
A
O
E1J
E1A THRU
www.dyelec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com