Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2J Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # E2J
Description  2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

E2J Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  E2J Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. E2J Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.5TYPICAL REVERSE CHRACTERISTICS
PERCENT OF RATED PEAK INVERSE VOLTGE
LEAD TEMPERATURE(C)
version:01
2of2
O
2
1
.
.
8
6
2.4
2
1
.
.
0
2
.8
.4
0
0
20
40
60
80
100
120
140
160
180
SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD P.C.B MOUNTED
ON 0.3 x 0.3" (8.0 x 8.0 mm)COPPER PAD AREAS
FIG.1MAXIMUM AVERAGE FORWARD CURRENT DERATING
INSTANTANEOUS FORWARD VOLTAGE VOLTS
1
100
0
1.0
0.1
.01
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0
T= 25 C
A
O
600V
50-200V
400V
FIG.2TYPICAL FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
50
40
30
20
10
0
8.3ms SINGLE HALF SINE-WAVE
JEDC METHOD
60
FIG.3MAXIMUM NON-REPEITIVE SURGE CURRENT
0.1
1
70
60
50
0
100
1000
10
TJ =25 C
= 1.0MHZ
V
= 50 V
O
f
sig
m p-p
40
30
20
10
FIG.4TYPICAL JUNCTION CAPACITANCE
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
A
O
T= 25 C
A
O
T = 125 C
A
O
REVERSE VOLTAGE, (V)
E2J
E2A THRU
www.dyelec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com