Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL2020 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL2020
Description  20kV 2.0A POTTING TYPE HV SUBASSEMBLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL2020 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL2020 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL2020
2014
20kV 2.0A POTTING TYPE HV SUBASSEMBLY
Maximum Reverse Recovery Time
Trr
at 25°C If=100mA Irm=200mA
Features
Mechanical Data
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=30°C,Resistive Load
2.0
125
125
-40 to +125
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
Outline Drawings
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
=0V,f=1MHz
--
2CL2020
24
100
10
60
20
Weight: 83 grams (approx.)
Mounting Position: Through Hole for #5 Screw
Marking: Type Number
pF
HVGT
=VRRM
R
=VRRM
--
nS
peak
=IF(AV)
Diffused Junction
High Voltage Capability
High Case Dielectric Strength
Low frequency
Plastic Material has Underwriters Laboratory
Flammability Classification 94V-O
Case: Molded Plastic
Polarity: Marked on Body
2CL2020
2CL2020
HVGT
L
W
H
H
M
L
W
H
M
120
25
19
5
Shape Size(Unit: mm)


Similar Part No. - 2CL2020

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2020 GETEDZ-2CL2020 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL2020 GETEDZ-2CL2020_17 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
More results

Similar Description - 2CL2020

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL10KV GETEDZ-2CL10KV Datasheet
140Kb / 1P
10kV 6.0A POTTING TYPE HV SUBASSEMBLY
2CL30KV02A GETEDZ-2CL30KV02A Datasheet
103Kb / 1P
Potting type high voltage subassembly
2CL40KV-5A GETEDZ-2CL40KV-5A Datasheet
141Kb / 1P
40kV 5.0A POTTING TYPE HV SUBASSEMBLY
2CL100KV-1A GETEDZ-2CL100KV-1A Datasheet
140Kb / 1P
100kV 1.0A POTTING TYPE HV SUBASSEMBLY
2CL150KV GETEDZ-2CL150KV Datasheet
140Kb / 1P
150kV 1.0A POTTING TYPE HV SUBASSEMBLY
2CL3015 GETEDZ-2CL3015 Datasheet
140Kb / 1P
15kV 3.0A POTTING TYPE HV SUBASSEMBLY
2CLG10KV-1A GETEDZ-2CLG10KV-1A Datasheet
279Kb / 1P
10kV 1.0A 80nS Potting type HV subassembly
logo
SUNMATE electronic Co.,...
15MQ030NPBF SUNMATE-15MQ030NPBF Datasheet
290Kb / 2P
POTTING TYPT HV SUBASSEMBLY
30DL20 SUNMATE-30DL20 Datasheet
419Kb / 1P
POTTING TYPT HV SUBASSEMBLY
logo
GETAI ELECTRONICS DEVIC...
HVQD100ME40D GETEDZ-HVQD100ME40D Datasheet
141Kb / 1P
POTTING TYPE HV SUBASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com