Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL3030 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL3030
Description  3.0A 30kV --HIGH VOLTAGE SILICON STACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL3030 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL3030 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL3030
GETE ELECTRONIC CO.,LTD n E-mail:
Tel: 0086-20-8184 9628
n Fax: 0086-20-8184 9638 n www.hvgtsemi.com
01
GUANGZHOU * CHINA
www.getedz.com
sales@getedz.com
China Tel:
4001 83 84 85
HVC-212720 Series
Screw Holes
M5
3.0A 30kV --HIGH VOLTAGE SILICON STACK
Features
High speed switching
High surge resisitivity for CRT discharge
High reliability design
Avalanche characteristic
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
High reliability resin molded type high voltage
mesa type silicon chip by epoxy resin.
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
General purpose high voltage rectifier,
Voltage multiplier assembly.
Epoxy resin molded in vacuum,
Have anticorrosion in the surface
diode
in small size package which is sealed a multilayed
Outline Drawings : (Unit:mm)
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
3.0
125
125
-40 to +125
Units
kV
A
A peak
°C
°C
°C
Storage Temperature
Tstg
2CL3030
30
peak
Ta=25°C,8.3 ms
Ta=25°C, I
=1.0uA
R
Maximum Reverse Recovery Time
Trr
at 25°C;
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C; V R=0V,f=1MHz
--
2CL3030
36
100
10
pF
=VRRM
R
=VRRM
--
nS
at 25°C,IF =IF(AV)
60
20.0
(max)
(max)
218.0
27.0
M5
HVGT
X X X X X X X X
2CL3030


Similar Part No. - 2CL3030

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL3030 GETEDZ-2CL3030 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL3030 GETEDZ-2CL3030_17 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
More results

Similar Description - 2CL3030

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJA56-30A GETEDZ-ESJA56-30A Datasheet
468Kb / 1P
5.0A 30kV--High voltage silicon rectifier diode
2CL2FP GETEDZ-2CL2FP_16 Datasheet
457Kb / 1P
100mA 30Kv 100nS--High voltage silicon rectifier diode
ESJA56-30A GETEDZ-ESJA56-30A_16 Datasheet
455Kb / 1P
5.0A 30kV--High voltage silicon rectifier diode
2CLG30KV2A GETEDZ-2CLG30KV2A Datasheet
468Kb / 1P
2.0A 30kV 100nS--High voltage silicon rectifier stack
2CLG30KV3A GETEDZ-2CLG30KV3A Datasheet
468Kb / 1P
3.0A 30kV 100nS--High voltage silicon rectifier stack
HVG3A300 GETEDZ-HVG3A300 Datasheet
494Kb / 1P
3.0A 30kV 80nS--High voltage silicon rectifier stack
ESJC60S30 GETEDZ-ESJC60S30_17 Datasheet
519Kb / 2P
300mA 30kV -High Voltage Silicon Rectifiers
HV600S30 GETEDZ-HV600S30_17 Datasheet
518Kb / 2P
300mA 30kV -High Voltage Silicon Rectifiers
2CL30KV1A GETEDZ-2CL30KV1A_17 Datasheet
473Kb / 1P
1.0A 30kV--High voltage silicon rectifier stack
2CLG3020 GETEDZ-2CLG3020_17 Datasheet
472Kb / 1P
3.0A 20kV 100nS--High voltage silicon rectifier stack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com