Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC14 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC14
Description  14kV 1.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC14 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC14 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
---
nS
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1000
125
125
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
=0V,f=1MHz
---
HC14
HC14
13
5.0
0.5
50
14
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
=IF(AV)
=VRRM
=VRRM
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2014
14kV 1.0A HIGH VOLTAGE DIODES
HC14
HVGT
Outline Drawings : mm
HC14
Cathode Mark
Type
Mark
HC14
38.5
19.0
19.0
6.5
0.8X6.3
7.5
76.2
42.0
4.0
8.0
HVGT
www.getedz.com
HVGT


Similar Part No. - HC14

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
HC140-02V1 PREMO-HC140-02V1 Datasheet
1Mb / 6P
Common mode chokes with Nanocrystalline cores & Common mode chokes with Ferrite cores - SMD format
logo
Yantel Corporation
HC1400A03 YANTEL-HC1400A03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC1400P03 YANTEL-HC1400P03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC1400P03-L YANTEL-HC1400P03-L Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC1400P03S YANTEL-HC1400P03S Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
More results

Similar Description - HC14

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL74 GETEDZ-2CL74 Datasheet
76Kb / 1P
5mA 14kV HIGH VOLTAGE DIODES
HVP-14 GETEDZ-HVP-14 Datasheet
127Kb / 1P
14kV 750mA HIGH VOLTAGE DIODES
ESJA52-14A GETEDZ-ESJA52-14A Datasheet
72Kb / 1P
14kV 5mA HIGH VOLTAGE DIODES
SHV-14 GETEDZ-SHV-14 Datasheet
68Kb / 1P
14kV 5mA HIGH VOLTAGE DIODES
2CL74 GETEDZ-2CL74_16 Datasheet
76Kb / 1P
5mA 14kV HIGH VOLTAGE DIODES
HVP14 GETEDZ-HVP14 Datasheet
159Kb / 1P
14kV 750mA HIGH VOLTAGE DIODES
HV-T74 GETEDZ-HV-T74 Datasheet
619Kb / 2P
5.0mA 14kV 80nS--Fast Recovery High Voltage Diodes
HV10G14 GETEDZ-HV10G14 Datasheet
618Kb / 2P
10mA 14kV 100nS-- High Voltage Diodes
ESJA52-14 GETEDZ-ESJA52-14_17 Datasheet
648Kb / 2P
5.0mA 14kV 80nS--HIGH VOLTAGE RECTIFIER DIODES
ESJA52-14A GETEDZ-ESJA52-14A_17 Datasheet
648Kb / 2P
5.0mA 14kV 80nS--HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com