Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2685 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2685
Description  Dual Output Regulated Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2685 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2685 Datasheet HTML 1Page - National Semiconductor (TI) LM2685 Datasheet HTML 2Page - National Semiconductor (TI) LM2685 Datasheet HTML 3Page - National Semiconductor (TI) LM2685 Datasheet HTML 4Page - National Semiconductor (TI) LM2685 Datasheet HTML 5Page - National Semiconductor (TI) LM2685 Datasheet HTML 6Page - National Semiconductor (TI) LM2685 Datasheet HTML 7Page - National Semiconductor (TI) LM2685 Datasheet HTML 8Page - National Semiconductor (TI) LM2685 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Description
Pin No.
Name
Function
1V
IN
Power supply input voltage.
2
GND
Power supply ground.
3V
NEG
Negative output voltage created by inverting V
05.
4V
NSW
V
NEG output connected through a series switch, NSW.
5
CE
Chip enable input. This pin is high for normal operation and low for shutdown. (See
Shutdown and Load Disconnect section in the Detailed Device Description division).
6
SDP
Positive side shutdown input. This pin is low for normal operation and high for positive
side shutdown and V
PSW load disconnect. (See Shutdown and Load Disconnect section
in the Detailed Device Description division).
7
SDN
Negative side shutdown input. This pin is low for normal operation and high for negative
side shutdown and V
NSW load disconnect. (See Shutdown and Load Disconnect section
in the Detailed Device Description division).
8C
2
−
The negative terminal of inverting charge-pump capacitor, C2.
9C
2
+
The positive terminal of inverting charge-pump capacitor, C2.
10
V
05
Regulated +5V output.
11
V
PSW
V
05 output connected through a series switch, PSW.
12
V
DBL
Voltage Doubler Output. (2.85V
≤ V
IN ≤ 5.4V. See Voltage Doubler section).
13
C
1
+
The positive terminal of doubling charge-pump capacitor, C1.
14
C
1
−
The negative terminal of doubling charge-pump capacitor, C1.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com