Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1A Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # F1A
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

F1A Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  F1A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. F1A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1000
FIG. 3-MAXIMUM NON-REPETITIVE PEAK FORWARD
FIG. 2-TYPICAL INSTANTANEOUS FORWARD
2 of 2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
30
25
20
15
10
5.0
0
1
10
100
0
20
40
60
80
100
100
10
1
0.1
0.01
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
CHARACTERISTICS
0
0.4
0.8
1.2
1.6
1.8
0.01
0.1
1
20
10
AMBIENT TEMPERATURE (oC)
FORWARD VOLTAGE (V)
NUMBER OF CYCLES AT 60 Hz
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
℃
T =100
℃
T =25
A
A
F1A THRU F1M
version:01
www.dyelec.com
, INSTANTANEOUS
VF
A
T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com