Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207GU Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # FR207GU
Description  Low forward voltage drop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

FR207GU Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  FR207GU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. FR207GU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G U
G U
4
2
.5
2
2.0
1.5
1.0
.5
0
2of2
www.sddydz.com
25
50
75
100
125
150
175
0
SINGLE PHASE HALF WAVE
60Hz RESISTIVE OR
INDUCTIVE LOAD
FIG. 1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE. ℃
T = 25
°C
f = 1 MHz
4
100
10
1
40
10
100
1
REVERSE VOLTAGE
FIG.
– TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE
FIG.
– TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH 300us
T = 25
°
C
10
0
0.1
1.0
0.01
0.2
0.6
0.4
4
0.8
1.2
1.6
1.4
1.8
1.0
FR201GA-FR204GA
FR205GA-FR207GA
A
A
V
V
FR201
THRU FR207
3
100
80
60
40
20
NUMBER OF CYCLES AT 60Hz
FIG.
– MAXIMUM NON-REPETITIVE SURGE CURRENT
0
1
2
5
10
20
50
100
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
version:01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com