Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2M Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # G2M
Description  2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

G2M Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  G2M Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. G2M Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80
60
1
2.0
version:01
2of2
150
100
50
0
0
200
10.0
1.0
1.4
1.1
Pulse Width=300μs
1% Duty Cycle
.8
.1
.5
.01
INSTANEOUS FORWARD VOLTAGE,(V)
1.7
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
8.3ms Single Half
Sine-Wave (JEDEC
Method)
NUMBER OF CYCLES AT 60Hz
10
0
0
100
10
80
100
120
1
.1
60
0
20
40
140
FIG.3-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
30
40
20
10
50
PERCENT OF RATED PEAK INVERSE VOLTGE
T= 25 C
A
O
T= 25 C
A
O
G2M
G2A THRU
www.dyelec.com
LEAD TEMPERATURE( C)
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com