Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201GU Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # HER201GU
Description  High surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

HER201GU Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  HER201GU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. HER201GU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
Case: Molded
203GU
202GU
201GU
U
HER201G U THRU HER208G
-55 to + 150
-55 to + 150
208GU
207GU
206GU
205GU
DO-15
.0 AMP.
High Efficient Rectifiers
=55
2.Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
Maximum Reverse Recovery Time (Note2 )
Typical Junction Capacitance (Note 3)
R
j
C
Mechanical Data
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
HER
HER
HER
HER
204GU
HER
HER
HER
HER
Unit
VRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IO
A
IFSM
A
VFM
V
TRR
nS
pF
/W
Tj
℃
TSTG
℃
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
Features
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
@TA
℃
2.0
50
75
IR
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
60
Forward Voltage
@IF=2.0A
1.0
1.3
1.7
60
40
Typical Thermal Resistance Junction to
Ambient
25
Operating Temperature Range
uA
Storage Temperature Range
1of2
Peak Reverse Current
@TA=25
℃
5.0
At Rated DC Blocking Voltage @TA=100
℃
100
MIN.
MIN.
DIA.
DIA.
DO-15
θJA
version:01
G lass
2
· Low power loss.
· High current capability
· High reliability
· High surge current capability
Plastic material-UL
94V-0
·
flammability
·
plastic
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
2
www.dyelec.com
℃


Similar Part No. - HER201GU

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER201G JGD-HER201G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
HER201G LRC-HER201G Datasheet
61Kb / 2P
24 HIGH EFFICIENCY GPP DIODES
logo
Micro Commercial Compon...
HER201G MCC-HER201G Datasheet
311Kb / 2P
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
logo
Won-Top Electronics
HER201G WTE-HER201G Datasheet
58Kb / 4P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - HER201GU

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
High Surge Current Capability
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
High surge current capability
04-Dec-14
logo
Tiger Electronic Co.,Lt...
1N40 TGS-1N40 Datasheet
643Kb / 2P
High surge current capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
High surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com