Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8402A-CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS8402A-CS
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A-CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS8402A-CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS8402A
VD+
5
+5V
19
GND
18
TXP
TXN
7
FSYNC
SCK
SDATA
6
8
0.1 uF
10
C
11
U
External
Clock
MCK
Audio
Data
Processor
or
Micro-
15
CBL
V
8 Dedicated C.S. Bits
controller
9
unused
Channel
Status Bits
Control
M2
M1
M0
Serial Port
Mode Select
23
22
21
RST
16
Transmitter
Circuit
See Appendix B
20
17
TRNPT
24
Figure 2. CS8402A Professional & Consumer Modes Typical Connection Diagram
CS8402A
VD+
5
+5V
19
GND
18
TXP
TXN
20
17
7
FSYNC
SCK
SDATA
6
8
0.1 uF
10
SBF
11
U
External
Clock
MCK
Audio
Data
Processor
9
V
SBC
8 Dedicated C.S. Bits
15
Channel
Status Bits
Control
M2
M1
M0
Serial Port
Mode Select
23
22
21
RST
16
Decoder
Subcode
Port
Reset
Control
Transmitter
Circuit
See Appendix B
Figure 3. Consumer CD Submode Typical Connection Diagram
CS8401A CS8402A
6
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com