Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17501B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17501B
Description  5V Fixed Output Voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17501B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17501B Datasheet HTML 1Page - Maxim Integrated Products MAX17501B Datasheet HTML 2Page - Maxim Integrated Products MAX17501B Datasheet HTML 3Page - Maxim Integrated Products MAX17501B Datasheet HTML 4Page - Maxim Integrated Products MAX17501B Datasheet HTML 5Page - Maxim Integrated Products MAX17501B Datasheet HTML 6Page - Maxim Integrated Products MAX17501B Datasheet HTML 7Page - Maxim Integrated Products MAX17501B Datasheet HTML 8Page - Maxim Integrated Products MAX17501B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EV Kit-Specific Component List
Component Suppliers
Quick Start
Recommended Equipment
• MAX17501B or MAX17501F EV kit
• 6V to 60V, 1A DC input power supply
• Load capable of sinking 500mA
• Digital voltmeter (DVM)
• Function generator
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify the board operation. Caution: Do not turn
on power supply until all connections are completed.
1) Set the power supply at a voltage between 6V and 60V.
Disable the power supply.
2) Connect the positive terminal of the power supply to the
VIN PCB pad and the negative terminal to the nearest
PGND PCB pad. Connect the positive terminal of the
500mA load to the VOUT PCB pad and the negative
terminal to the nearest PGND PCB pad.
3) Connect the DVM across the VOUT PCB pad and the
nearest PGND PCB pad.
4) Verify that a shunt is installed across pins 1-2 on jumper
JU1.
5) Turn on the DC power supply.
6) Enable the load.
7) Verify that the DVM displays the expected voltage.
To turn-on/off the part from EN/UVLO, follow the steps
below:
1) Remove resistors R1 and R2 and the jumper installed
across pins 1-2 on jumper JU1.
2) Connect the power supply to the EV kit and turn on
the power supply. Set the power supply at a voltage
between 6V and 60V.
3) Connect the function generator output to the
EN/UVLO test loop.
4) EN/UVLO rising threshold is 1.24V and falling threshold
is 1.11V. Make sure that the voltage-high and voltage-
low levels of the function generator output are greater
than 1.24V and less than 1.11V, respectively.
5) While powering down the EV kits, first disconnect the
function generator output from the EN/UVLO test loop
and then turn off the DC power supply.
Care should be taken in board layout and systems wir-
ing to prevent violation of the absolute maximum rating of
the FB/VO pin under short-circuit conditions. Under such
conditions, it is possible for the ceramic output capacitor to
oscillate with the board or wiring inductance between the
Note: Indicate that you are using the MAX17501 when contacting these component suppliers.
*EP = Exposed pad.
2
Maxim Integrated
MAX17501B/MAX17501F Evaluation Kits
Evaluate: MAX17501B/MAX17501F
in TDFN Packages
EV KIT
DESIGNATION
DESCRIPTION
MAX17501BTEVKIT#
U1
Buck converter (10 TDFN-EP*)
Maxim MAX17501BATB+
—
PCB: MAX17501BT EVALUATION KIT
MAX17501FTEVKIT#
U1
Buck converter (10 TDFN-EP*)
Maxim MAX17501FATB+
—
PCB: MAX17501FT EVALUATION KIT
SUPPLIER
PHONE
WEBSITE
Coilcraft, Inc.
847-639-6400
www.coilcraft.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Panasonic Corp.
800-344-2112
www.panasonic.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com