Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17501G Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17501G
Description  600kHz Switching Frequency
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17501G Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17501G Datasheet HTML 1Page - Maxim Integrated Products MAX17501G Datasheet HTML 2Page - Maxim Integrated Products MAX17501G Datasheet HTML 3Page - Maxim Integrated Products MAX17501G Datasheet HTML 4Page - Maxim Integrated Products MAX17501G Datasheet HTML 5Page - Maxim Integrated Products MAX17501G Datasheet HTML 6Page - Maxim Integrated Products MAX17501G Datasheet HTML 7Page - Maxim Integrated Products MAX17501G Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Evaluates: MAX17501G in TDFN Package
MAX17501G Evaluation Kit
2
Maxim Integrated
Quick Start
Recommended Equipment
• MAX17501GEVkit
• 14Vto60V,1ADCinputpowersupply
• Loadcapableofsinking500mA
• Digitalvoltmeter(DVM)
• Functiongenerator
Procedure
The EV kit is fully assembled and tested. Follow the
stepsbelowtoverifytheboardoperation.Caution: Do
not turn on power supply until all connections are
completed.
1) Setthepowersupplyatavoltagebetween14Vand
60V.Disablethepowersupply.
2) Connect the positive terminal of the power supply
to the VIN PCB pad and the negative terminal to the
nearest PGND PCB pad. Connect the positive termi-
nal of the 500mA load to the VOUT PCB pad and the
negative terminal to the nearest PGND PCB pad.
3) Connect the DVM across the VOUT PCB pad and the
nearest PGND PCB pad.
4) Turn on the DC power supply.
5) Enabletheload.
6) Verify that the DVM displays 12V.
To turn-on /off the part from EN/UVLO, follow the steps
below:
1) Remove resistors R1 and R2.
2) Connect the power supply to the EV kit and turn on
the power supply. Set the power supply at a voltage
between14Vand60V.
3) Connect the function generator output to the EN/UVLO
test loop.
4) EN/UVLO rising threshold is 1.24V and falling thresh-
old is 1.11V.Make sure that the voltage-high and
voltage-low levels of the function generator output are
greater than 1.24V and less than 1.11V, respectively.
5) While powering down the EV kits, first disconnect the
function generator output from the EN/UVLO test loop
and then turn off the DC power supply.
Detailed Description of Hardware
The MAX17501G EV kit provides a proven design to
evaluate the MAX17501G high-efficiency, high-voltage,
synchronous step-down DC-DC converter. The EV kit
generates 12V at load currents up to 500mA from a
14V to 60V input supply. The EV kit features a 600kHz
fixed switching frequency for optimum efficiency and
component size. The EV kit features a forced-PWM
control scheme that provides constant switching-
frequency operation at all load and line conditions.
The EV kit includes an EN/UVLO PCB pad to enable
control of the converter output. An additional RESET
PCBpadisavailableformonitoringtheopen-drainlogic
output. The VCC PCB pad helps measure the internal
LDO voltage.
Soft-Start Input (SS)
The device utilizes an adjustable soft-start function to
limit inrush current during startup. The soft-start time is
adjustedbythevalueofC3,theexternalcapacitorfrom
SS to GND. To adjust the soft-start time, determine C3
using the following formula:
C3 = 5.55 x tSS
where tSS is the required soft-start time in milliseconds
and C3 is in nanofarads.
Note: Indicate that you are using the MAX17501 when contacting these component suppliers.
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Cooper Bussmann
916-941-1117
www.cooperet.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Panasonic Corp.
800-344-2112
www.panasonic.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com