Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17501H Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17501H
Description  300kHz Switching Frequency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17501H Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17501H Datasheet HTML 1Page - Maxim Integrated Products MAX17501H Datasheet HTML 2Page - Maxim Integrated Products MAX17501H Datasheet HTML 3Page - Maxim Integrated Products MAX17501H Datasheet HTML 4Page - Maxim Integrated Products MAX17501H Datasheet HTML 5Page - Maxim Integrated Products MAX17501H Datasheet HTML 6Page - Maxim Integrated Products MAX17501H Datasheet HTML 7Page - Maxim Integrated Products MAX17501H Datasheet HTML 8Page - Maxim Integrated Products MAX17501H Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Quick Start
Recommended Equipment
• MAX17501HEVkit
• 4.5Vto60V,1ADCinputpowersupply
• Loadcapableofsinking500mA
• Digitalvoltmeter(DVM)
• Functiongenerator
Procedure
The EV kit is fully assembled and tested. Follow the
stepsbelowtoverifytheboardoperation.Caution: Do
not turn on power supply until all connections are
completed.
1) Setthepowersupplyatavoltagebetween4.5Vand
60V.Disablethepowersupply.
2) Connect the positive terminal of the power supply
to the VIN PCB pad and the negative terminal to the
nearest PGND PCB pad. Connect the positive termi-
nal of the 500mA load to the VOUT PCB pad and the
negative terminal to the nearest PGND PCB pad.
3) Connect the DVM across the VOUT PCB pad and the
nearest PGND PCB pad.
4) Verify that a shunt is installed across pins 1-2 on
jumper JU1.
5) Turn on the DC power supply.
6) Enabletheload.
7) Verify that the DVM displays the expected voltage.
To turn-on/turn-off the part from EN/UVLO, follow the
stepsbelow:
1) Remove resistors R1 and R2 and the jumper con-
nected across pins 1-2 on jumper JU1.
2) Connect the power supply to the EV kit and turn on
the power supply. Set the power supply at a voltage
between4.5Vand60V.
3) Connect the function generator output to the EN/
UVLO test loop.
4) EN/UVLO rising threshold is 1.24V and falling thresh-
old is 1.11V. Make sure that the voltage-high and
voltage-low levels of the function generator output are
greater than 1.24V and less than 1.11V, respectively.
5) While powering down the EV kits, first disconnect the
function generator output from the EN/UVLO test loop
and then turn off the DC power supply.
Detailed Description of Hardware
The MMAX17501H EV kit provides a proven design to
evaluate the MAX17501H high-efficiency, high-voltage,
synchronous step-down DC-DC converter in a TDFN
package. The EV kit generates 2.5V at load currents
up to 500mA from a 4.5V to 60V input supply. The EV
kit features a 300kHz fixed switching frequency for
optimum efficiency and component size. The EV kit fea-
tures a forced-PWM control scheme that provides con-
stant switching frequency operation at all load and line
conditions.
Note: Indicate that you are using the MAX17501 when contacting these component suppliers.
Component Suppliers
MAX17501H Evaluation Kit
Evaluate: MAX17501H in TDFN Package
2
Maxim Integrated
SUPPLIER
PHONE
WEBSITE
Coilcraft, Inc.
847-639-6400
www.coilcraft.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Panasonic Corp.
800-344-2112
www.panasonic.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com