Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD15P10PLG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPD15P10PLG
Description  SIPMOS짰 Power-Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD15P10PLG Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPD15P10PLG Datasheet HTML 1Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 2Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 3Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 4Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 5Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 6Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 7Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 8Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPD15P10PL G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C
iss
-
1120
1490
pF
Output capacitance
C
oss
-
272
362
Reverse transfer capacitance
C
rss
-
120
180
Turn-on delay time
t
d(on)
-
7.6
11
ns
Rise time
t
r
-21
31
Turn-off delay time
t
d(off)
-50
75
Fall time
t
f
-29
44
Gate Charge Characteristics
2)
Gate to source charge
Q
gs
-
4.3
5.7
nC
Gate to drain charge
Q
gd
-17
26
Gate charge total
Q
g
-47
62
Gate plateau voltage
V
plateau
-
4.0
-
V
Reverse Diode
Diode continuous forward current
I
S
-
-
-15
A
Diode pulse current
I
S,pulse
-
-
-60
Diode forward voltage
V
SD
V
GS=0 V, I F=-15 A,
T
j=25 °C
-
-0.96
-1.35
V
Reverse recovery time
t
rr
-
110
165
ns
Reverse recovery charge
Q
rr
-
450
675
nC
2) See figure 16 for gate charge parameter definition
T
C=25 °C
Values
V
GS=0 V, V DS=-25 V,
f =1 MHz
V
DD=-50 V, V GS=-
10 V, I D=-15 A,
R
G=6
V
DD=-80 V, I D=-15 A,
V
GS=0 to -10 V
V
R=50 V, I F=|I S|,
di F/dt =100 A/μs
Rev 1.
5
page 3
20
12-09-03



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com