Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2686MTC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2686MTC
Description  Regulated Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2686MTC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2686MTC Datasheet HTML 1Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 2Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 3Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 4Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 5Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 6Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 7Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, VIN = 3.6V.
Supply Current vs Input Voltage
DS101141-6
Supply Current vs Temperature
DS101141-7
Efficiency vs Load Current (V
IN =
3.0V)
DS101141-8
Output Resistance (VDBL) vs.
Temperature (V
IN = 3.6V)
DS101141-12
Switch Frequency vs. Temperature
(V
IN = 3.6V)
DS101141-13
Line Transient Response (with 5mA
Load)
DS101141-14
A: INPUT VOLTAGE: VIN = 3.2V to 6.0V, 5V/div
B: OUTPUT VOLTAGE: VPSW: 100mV/div
V
05 Load Transient Response
DS101141-15
A: LOAD CURRENT: ILOAD = 5mA to 39.6mA,
10mA/div
B: OUTPUT VOLTAGE: V05: 10mV/div
V
PSW Response to CE
(with 5mA Load)
DS101141-17
A: CE INPUT: 5V/div
B: OUTPUT VOLTAGE: VPSW: 5V/div
V
05 Response to SD (with 5mA
Load)
DS101141-18
A: SD INPUT: 5V/div
B: OUTPUT VOLTAGE: 5V/div
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com