Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2687 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2687
Description  Low Noise Regulated Switched Capacitor Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2687 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2687 Datasheet HTML 1Page - National Semiconductor (TI) LM2687 Datasheet HTML 2Page - National Semiconductor (TI) LM2687 Datasheet HTML 3Page - National Semiconductor (TI) LM2687 Datasheet HTML 4Page - National Semiconductor (TI) LM2687 Datasheet HTML 5Page - National Semiconductor (TI) LM2687 Datasheet HTML 6Page - National Semiconductor (TI) LM2687 Datasheet HTML 7Page - National Semiconductor (TI) LM2687 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
IN to GND or
GND to OUT)
+ 5.8V
SD
(GND − 0.3V) to
(V
IN + 0.3V)
V
NEG and VOUT Continuous Output
Current
10mA
V
OUT Short-Circuit Duration to GND
(Note 2)
1 sec.
Continuous Power Dissipation (T
A
= 25˚C) (Note 3)
600mW
T
JMAX (Note 3)
150˚C
θ
JA (Note 3)
250˚C/W
Operating Input Voltage Range
2.7V to 5.5V
Operating Output Current Range
0mA to 10mA
Operating Ambient
−40˚C to 85˚C
Temp. Range
Operating Junction Temp. Range
−40˚C to 110˚C
Storage Temperature
−65˚C to 150˚C
Lead Temp. (Soldering, 10 sec.)
300˚C
ESD Rating (Note 4)
2kV
Electrical Characteristics
Limits with standard typeface apply for T
J = 25˚C, and limits in boldface type apply over the full temperature range. Unless
otherwise specified V
IN = 3.6V, C1 = C2 = 1µF, C3 = 10µF.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
Q
Supply Current
Open Circuit, No Load
500
950
µA
I
SD
Shutdown Supply Current
0.05
1
µA
F
SW
Switching Frequency
(Note 5)
2.7V
≤ V
IN ≤.5.5V
V
IN = 3.6V
50
60
110
105
180
170
kHz
η
POWER
Power Efficiency at V
NEG
I
L = 3.6mA
I
L = 10mA
94
91
%
T
START
Start Up time
(Note 6)
120
600
µs
R
NEG
Output Resistance to V
NEG
(Note 7)
30
Ω
V
R
Output Voltage Ripple
(Note 8)
I
L =2.5mA, VOUT = −2.7V
I
L = 10mA, VOUT = −3.8V
1
2
mV
V
FB
Feedback Pin Reference
Voltage
I
L = 2.5mA (Note 9)
−1.25
−1.20
−1.15
V
V
OUT
Adjustable Output Voltage
5.5V
≥ V
IN ≥ 2.7V, 2.5mA ≥ IL
5.5V
≥ V
IN ≥ 3.0V, 10mA ≥ IL ≥
0mA
−(V
IN −0.3V)
−(V
IN −1.2V)
V
Load Regulation
0 to 10mA, V
OUT = − 2.4V
5
mV/mA
Line Regulation
5.5V
≥ V
IN ≥ 2.7V, IL = 2.5mA
1
mV/V
V
IH
Shutdown Pin Input
Voltage High
5.5V
≥ V
IN ≥ 2.7V
2.2
V
V
IL
Shutdown Pin Input
Voltage Low
5.5V
≥ V
IN ≥ 2.7V
0.5
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 2: OUT may be shorted to GND for one second without damage. However, shorting OUT to VIN may damage the device and must be avoided. Also, for tem-
peratures above TA = 85˚C, OUT must not be shorted to GND or VIN or device may be damaged.
Note 3: The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX (maximum junction temperature), TA (ambient tempera-
ture) and
θJA (junction-to-ambient thermal resistance). The maximum power dissipation at any temperature is:
PDiss
MAX = (TJMAX —TA)/θJA up to the value listed in the Absolute Maximum Ratings.
Note 4: Rating is for the human body model, a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 5: The output switches operate at one half the oscillator frequency, fOSC = 2fSW.
Note 6: All capacitors are 1µF.
Note 7: Current drawn from VNEG pin decreases power efficiency and will increase output voltage ripple.
Note 8: In the test circuit, capacitors C1 and C2 are 1µF, C3 = 10µF, 0.30Ω maximum ESR capacitors. Capacitors with higher ESR will increase output resistance,
increase output voltage ripple, and reduce efficiency.
Note 9: The feedback resistors R1 and R2 are 200k
Ω resistors.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com