Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC600-1012G Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # ABC600-1012G
Description  The high efficiency and high power density of the ABC family ensures
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600-1012G Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button ABC600-1012G Datasheet HTML 3Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 4Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 5Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 6Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 7Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 8Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 9Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 10Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
tech.support@psbel.com
Figure 6. Isolated Signal Output Connections
Output High Voltage
Voh
2.4
3.6
V
Output Low Voltage
Vol
0
0.4
V
Input High Voltage
Vih
2.0
3.6
V
Input Low Voltage
Vil
0
0.8
V
Sink current(PW_OK_H)
Isink
4
mA
Operate voltage (between INHIBIT_L and INHIBIT_L_RTN )
Vope
2.0
10
V
Max operate current (SMB_ALERT_L)
Iope
30
mA
Table 1. Low-Voltage TTL (LVTTL) Voltage Levels
T1 (Tvout_rise)
Output voltage rise time from each output
0.5
100
mS
T2 (TVACon_vsbon )
Delay from AC being applied to Vsb being within regulation
2500
mS
T3 ( TVACon_v1on )
Delay from AC being applied to V1 being within regulation
3000
mS
T4 (Tv1_holdup)
Time V1 stay within 90% normal output after loss of AC
16
mS
T5 (Tpwok_holdup)
Delay from loss of AC to de-assertion of PW_OK_H
10
mS
T6 (TinhibitL_v1on )
Delay INHIBIT_L active to V1 output voltages within regulation
1000
mS
T7 (TinhibitL_pwok)
Delay from INHIBIT_L de-active to PW_OK_H being de-asserted
50
mS
T9 (Tv1on_pwok)
Delay from V1 within regulation to PW_OK_H asserted at turn on
100
1000
mS
T10 (Tpwokoff_V1)
Delay from PW_OK_H de-asserted to V1 dropping out of regulation at
60% loading of full load
1
mS
T11 (Tpwokoff_Vsb)
Delay from PW_OK_H de-asserted to Vsb dropping out of regulation
20
mS
T12 (Tvsb_v1)
Delay from Vsb being in regulation to V1 being in regulation at AC turn on
50
1000
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com