Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP Datasheet(PDF) 4 Page - C&K Components

Part # AP
Description  Industrial Pushbutton Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

AP Datasheet(HTML) 4 Page - C&K Components

  AP Datasheet HTML 1Page - C&K Components AP Datasheet HTML 2Page - C&K Components AP Datasheet HTML 3Page - C&K Components AP Datasheet HTML 4Page - C&K Components AP Datasheet HTML 5Page - C&K Components AP Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A-111
Dimensions
are shown: mm (inches
Specifications and dimensions subject to
change
www.ck-components.com
A
ø 11,11
[0.437]
34,78 TYP
[1.369]
27,04 TYP
[1.065]
304,81
[12.000]
WIRELEADS
22 AWG STD
304,81
[12.000]
WIRELEADS
22 AWG STD
20,69 TYP
[0.815]
28,44 TYP
[1.120]
ø 11,11
[0.437]
304,81
[12.000]
WIRELEADS
22 AWG STD
304,81
[12.000]
WIRELEADS
22 AWG STD
WIRE LEADS WITH
POTTED BASE,
SNAP-IN
ILLUMINATION
WIRE LEADS WITH
POTTED BASE,
SNAP-IN
NO ILLUMINATION
WIRE LEADS WITH
POTTED BASE,
THREADED
ILLUMINATION
WIRE LEADS WITH
POTTED BASE,
THREADED
NO ILLUMINATION
AP Series
Industrial Pushbutton Switch
TERMINATION
Third Angle
Projection
5,65 TYP
[0.222]
0,50 TYP
[0.020]
3,90
[0.154]
2,83 TYP
[0.111]
2,83 TYP
[0.111]
2,75
[0.108]
6,44 TYP
[0.254]
0,75 TYP
[0.030]
2,04 TYP
[0.080]
0,50 TYP
[0.020]
LED TERMINAL
ANODE (+)
LED TERMINAL
CATHODE (-)
LED TERMINAL
ANODE (+)
LED TERMINAL
CATHODE (-)
5,70
[0.224]
2X ø 1,00
[0.039]
0,50
[0.020]
0,70
[0.028]
2,50 TYP
[0.098]
5,65 TYP
[0.222]
PCB HOLE PATTERN
BOARD VIEW
Z SOLDER LUG
C PC TERMINALS
W 12” WIRE LEADS 22 AWG
***
Illumination not available with PC Terminals
* Switching terminals are gold and LED terminals are silver
Wires: Black wires - Terminals
Red wires - LED (+) Positive
White wire - LED (-) Negative



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com