Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC350-1030L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC350-1030L
Description  Approved to EN60950-1 2nd Edition
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC350-1030L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC350-1030L Datasheet HTML 1Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 2Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 3Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 4Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 5Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABC350 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00560_AD
MODEL NUMBER
DESCRIPTION
VOLTAGE
MAX. LOAD
(CONVECTION)
MAX. LOAD
(375 LFM)
MIN. LOAD
RIPPLE & NOISE1
ABC350-1T12L
ABC350-1012L
Screw Terminal
Molex Connector
12 V
15 A
25 A
18.75 A
0.0 A
1%
ABC350-1T15L
ABC350-1015L
Screw Terminal
Molex Connector
15 V
12 A
21.67 A
18 A
0.0 A
1%
ABC350-1T24L
ABC350-1024L
Screw Terminal
Molex Connector
24 V
8.33 A
14.60 A
0.0 A
1%
ABC350-1T30L
ABC350-1030L
Screw Terminal
Molex Connector
30 V
6.67 A
11.67 A
0.0 A
1%
ABC350-1T48L
ABC350-1048L
Screw Terminal
Molex Connector
48 V
4.17 A
7.30 A
0.0 A
1%
ABC350-1T58L
ABC350-1058L
Screw Terminal
Molex Connector
58 V
3.45 A
6.04 A
0.0 A
1%
COVER-350-XBC
metal cover kit accessory
NOTES:
1.
Ripple is peak to peak with 20 MHz bandwidth and 10
μF (Tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line
voltage and load ranges.
2.
Combined output power of main output, fan supply shall not exceed max. power rating.
3.
Fan supply output voltage tolerance including set point accuracy, line and load regulation is +/-10% and ripple and noise is less
than 10%.
4.
Thermal shutdown feature: The power supply goes in hiccup mode when the temperature of PCB exceeds 110 °C (+/-10 °C).
5.
Output ripple can be more than 10% of the output voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com