Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1010N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1010N
Description  Low Drive Power Requirements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1010N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1010N Datasheet HTML 1Page - IXYS Corporation CPC1010N Datasheet HTML 2Page - IXYS Corporation CPC1010N Datasheet HTML 3Page - IXYS Corporation CPC1010N Datasheet HTML 4Page - IXYS Corporation CPC1010N Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1010N-R01
1
CPC1010N
Single-Pole, Normally Open
4-Lead SOP OptoMOS® Relay
Part #
Description
CPC1010N
4-Pin SOP (100/tube)
CPC1010NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
250
V
P
Load Current
170
mA
rms / mADC
On-Resistance (max)
11.5
Applications
Features
Description
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 1500V
rms Input/Output Isolation
• Small 4-Pin SOP Package
• Low Drive Power Requirements
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Tape & Reel Version Available
The CPC1010N is a miniature single-pole, normally
open (1-Form-A) solid state relay in a 4-pin SOP
package that employs optically coupled MOSFET
technology to provide 1500V
rms of input to output
isolation. The efficient MOSFET switches and
photovoltaic die use IXYS Integrated Circuits
Division’s patented OptoMOS architecture while the
optically coupled output is controlled by a highly
efficient infrared LED.
IXYS Integrated Circuits Division’s state of the art
double-molded vertical construction packaging makes
the CPC1010N one of the world’s smallest relays.
It offers board space savings over the competitor’s
larger 4-pin SOP relay.
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 13 12 82667 003
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
+ Control
– Control
Load
Load


Similar Part No. - CPC1010N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1014N CLARE-CPC1014N Datasheet
114Kb / 5P
4-Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1014N IXYS-CPC1014N Datasheet
168Kb / 6P
60V, 400mA Normally-Open Single-Pole 4-Pin SOP Relay
logo
Clare, Inc.
CPC1014NTR CLARE-CPC1014NTR Datasheet
114Kb / 5P
4-Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1014NTR IXYS-CPC1014NTR Datasheet
168Kb / 6P
60V, 400mA Normally-Open Single-Pole 4-Pin SOP Relay
logo
Clare, Inc.
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 4P
4 Pin SOP OptoMOS Relay
More results

Similar Description - CPC1010N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1718 IXYS-CPC1718 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1709 IXYS-CPC1709 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1708 IXYS-CPC1708 Datasheet
201Kb / 7P
Low Drive Power Requirements
CPC1726 IXYS-CPC1726 Datasheet
115Kb / 6P
Low Drive Power Requirements
CPC1967 IXYS-CPC1967 Datasheet
200Kb / 7P
Low Drive Power Requirements
CPC1977 IXYS-CPC1977 Datasheet
200Kb / 7P
Low Drive Power Requirements
CPC1978 IXYS-CPC1978 Datasheet
201Kb / 7P
Low Drive Power Requirements
CPC1979 IXYS-CPC1979 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1986 IXYS-CPC1986 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1988 IXYS-CPC1988 Datasheet
198Kb / 7P
Low Drive Power Requirements
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com