Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST20B60 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # FST20B60
Description  FRD FOR POWER FACTOR IMPROVEMENT HIGH FREQUENCY RECTIFICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FST20B60 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  FST20B60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation FST20B60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation FST20B60 Datasheet HTML 3Page - Nihon Inter Electronics Corporation FST20B60 Datasheet HTML 4Page - Nihon Inter Electronics Corporation FST20B60 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FRD Type :
FSU20B60
FSU20B60
FSU20B60
FSU20B60
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:1.7g
Rating
Symbol
FSU20B60
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
Average Rectified Output Current
IO
15
Tc=51
°C
50 Hz Half Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
23.5
A
Surge Forward Current
IFSM
160
50 Hz Half Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Mounting torque
0.5 Recommended value
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max. Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
30
µA
Tj= 25
°C, IFM= 15A
2.42
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 20A
-
-
2.60
V
Reverse Recovery Time
trr
IFM= 10A,
-di/dt= 50 A/
µs, Ta= 25°C
-
34
50
ns
Rth(j-c) Junction to Case
-
-
3
Thermal Resistance
Rth(c-f) Case to Fin
-
-
1.5
°C/W
FEATURES
* Fully Molded Isolation Case
* Ultra – Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
For Power Factor Improvement High Frequency Rectification


Similar Part No. - FST20B60

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FST20020 TEL-FST20020 Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Microsemi Corporation
FST20035 MICROSEMI-FST20035 Datasheet
143Kb / 2P
Schottky PowerMod
logo
TRANSYS Electronics Lim...
FST20035 TEL-FST20035 Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Microsemi Corporation
FST20035 MICROSEMI-FST20035 Datasheet
120Kb / 2P
Schottky PowerMod
FST20035 MICROSEMI-FST20035_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results

Similar Description - FST20B60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCU10A60 NIEC-FCU10A60 Datasheet
54Kb / 5P
FRD FOR POWER FACTOR IMPROVEMENT HIGH FREQUENCY RECTIFICATION
FSU20B60 NIEC-FSU20B60 Datasheet
56Kb / 5P
FRD - For Power Factor Improvement High Frequency Rectification
TCU10A60 NIEC-TCU10A60 Datasheet
52Kb / 5P
FRD - For Power Factor Improvement High Frequency Rectification
TCU20A60 NIEC-TCU20A60 Datasheet
52Kb / 5P
FRD - For Power Factor Improvement High Frequency Rectification
TCU20B60 NIEC-TCU20B60 Datasheet
52Kb / 5P
FRD - For Power Factor Improvement High Frequency Rectification
TSF05A20 NIEC-TSF05A20 Datasheet
64Kb / 4P
FRD - For Power Factor Improvement High Frequency Rectification
TSF05A40 NIEC-TSF05A40 Datasheet
64Kb / 4P
FRD - For Power Factor Improvement High Frequency Rectification
TSU05A60 NIEC-TSU05A60 Datasheet
53Kb / 5P
FRD - For Power Factor Improvement High Frequency Rectification
TSU10A60 NIEC-TSU10A60 Datasheet
53Kb / 5P
FRD - For Power Factor Improvement High Frequency Rectification
TSU10B60 NIEC-TSU10B60 Datasheet
53Kb / 5P
FRD - For Power Factor Improvement High Frequency Rectification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com