Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP613P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP613P
Description  SIPMOS횘 Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP613P Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP613P Datasheet HTML 1Page - Infineon Technologies AG BSP613P Datasheet HTML 2Page - Infineon Technologies AG BSP613P Datasheet HTML 3Page - Infineon Technologies AG BSP613P Datasheet HTML 4Page - Infineon Technologies AG BSP613P Datasheet HTML 5Page - Infineon Technologies AG BSP613P Datasheet HTML 6Page - Infineon Technologies AG BSP613P Datasheet HTML 7Page - Infineon Technologies AG BSP613P Datasheet HTML 8Page - Infineon Technologies AG BSP613P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
20
16-05-30
Rev.2.
8
Page 1
BSP613P
SIPMOS® Small-Signal-Transistor
Product Summary
VDS
-60
V
RDS(on)
0.13
Ω
ID
-2.9
A
Feature
• P-Channel
• Enhancement mode
• Avalanche rated
• dv/dt rated
• Ideal for fast switching buck converter
PG-SOT223
Gate
pin1
Drain
pin 2,4
Source
pin 3
Type
Package
Tape and reel
BSP613P
PG-SOT223
H6327: 1000pcs/r.
Maximum Ratings
, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TA=25°C
TA=70°C
ID
-2.9
-2.3
A
Pulsed drain current
TA=25°C
ID puls
-11.6
Avalanche energy, single pulse
ID=2.9 A , VDD=-25V, RGS=25Ω
EAS
150
mJ
Avalanche energy, periodic limited by Tjmax
EAR
0.18
Reverse diode dv/dt
IS=2.9A, VDS=-48V, di/dt=-200A/µs, Tjmax=150°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TA=25°C
Ptot
1.8
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Non  Dry
BSP613P
Packaging
Marking
• Qualified according to AEC Q101
ESD Class
JESD22-A114-HBM
Class 1
c
• Halogen­free according to IE C61249­2­21


Similar Part No. - BSP613P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP613P INFINEON-BSP613P Datasheet
163Kb / 8P
SIPMOS Small-Signal-Transistor
2004-06-02
BSP613P INFINEON-BSP613P Datasheet
688Kb / 8P
SIPMOS Small-Signal-Transistor
Rev.2.4 2007-02-08
BSP613P INFINEON-BSP613P_07 Datasheet
688Kb / 8P
SIPMOS Small-Signal-Transistor
Rev.2.4 2007-02-08
More results

Similar Description - BSP613P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
SIPMOS횘 Small-Signal-Transistor
2012-04-04
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPP80P06PH INFINEON-SPP80P06PH Datasheet
612Kb / 11P
SIPMOS횘 Power-Transistor
Rev 1.5 2011-09-01
SN7002W INFINEON-SN7002W_11 Datasheet
317Kb / 8P
SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
SIPMOS횘 Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com