Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS641 Datasheet(PDF) 1 Page - C&K Components

Part # PTS641
Description  SMT Top Actuated Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS641 Datasheet(HTML) 1 Page - C&K Components

  PTS641 Datasheet HTML 1Page - C&K Components PTS641 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–88
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
PTS641 Series
SMT Top Actuated Switches
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST N.O.
TERMINALS: G type for SMT
Mechanical
TRAVEL:
0.20 mm ±0.15 mm for 160 &250 gf
0.30 mm ±0.15 mm for 320 gf
OPERATING LIFE: 100,000 cycles
OPERATION FORCE:
160 gf ±50 gf blue actuator
250 gf ±50 gf red actuator
320 gf ±80 gf black actuator
Packaging
Switches in reels of 1,500 pieces.
Dimensions of reels according to EIA 481B
External diameter 330 mm
Electrical
MAXIMUM VOLTAGE: 12 VDC
MAXIMUM CURRENT DC: 50 mA
DIELECTRIC STRENGTH: 250 VA C (1mn)
CONTACT RESISTANCE: 100 m
Ω
INSULATION RESISTANCE:
≥ 100 M Ω
BOUNCE TIME: < 5 ms
Environmental
OPERATING TEMPERATURE: -20˚C to 85˚C
Process
SOLDERING: This component is suited to the following methods:
Infrared Reflow Soldering in accordance with IEC61760-1
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Features/Benefits
• 6.3 x 6.3 mm footprint
• Multiple heights
• Ground pin option
Typical Applications
• Metering
• White goods
• Home and garden
equipment
Body Type
25 2.5 mm height
31 3.1 mm height
34 3.4 mm height
Ground Pin
S No ground pin
T With ground pin
Actuation Force
M 160 gf
K 250 gf
P 320 gf
6
4
1
P
T
S
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and and place it in the appropriate box.
M
S
R
T
Packaging
SMTR2 Tape & Reel
L
F
S
RoHS compliant,
silver plated
2


Similar Part No. - PTS641

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS641 CK-COMPONENTS-PTS641 Datasheet
172Kb / 2P
SMT Top Actuated Switches
14 Nov 22
PTS641 CK-COMPONENTS-PTS641_V01 Datasheet
172Kb / 2P
SMT Top Actuated Switches
14 Nov 22
More results

Similar Description - PTS641

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR211GLFS CK-COMPONENTS-KMR211GLFS Datasheet
161Kb / 2P
Microminiature SMT Top Actuated
KMR431GLFS CK-COMPONENTS-KMR431GLFS Datasheet
162Kb / 2P
Microminiature SMT Top Actuated
PTS830 CK-COMPONENTS-PTS830 Datasheet
182Kb / 3P
Microminiature SMT Top Actuated
PTS820J25MSMTRLFS CK-COMPONENTS-PTS820J25MSMTRLFS Datasheet
164Kb / 3P
Microminiature SMT Top Actuated
PTS526 CK-COMPONENTS-PTS526 Datasheet
351Kb / 4P
Microminiature SMT Top Actuated
14 Nov 22
PTS641 CK-COMPONENTS-PTS641_V01 Datasheet
172Kb / 2P
SMT Top Actuated Switches
14 Nov 22
PTS810 CK-COMPONENTS-PTS810_V01 Datasheet
197Kb / 2P
Microminiature SMT Top Actuated
14 Nov 22
PTS830 CK-COMPONENTS-PTS830_V01 Datasheet
186Kb / 3P
Microminiature SMT Top Actuated
14 Nov 22
KMR4 CK-COMPONENTS-KMR4_V01 Datasheet
197Kb / 2P
Microminiature SMT Top Actuated
24 Aug 21
KMR8 CK-COMPONENTS-KMR8 Datasheet
175Kb / 2P
Microminiature SMT Top Actuated
24 Aug 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com