Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # R1M
Description  1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

R1M Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  R1M Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. R1M Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R1A
REVERSE VOLTAGE, (V)
2.0
1.0
0.5
R1M
THRU
version:01
2of2
0
0
50
100
150
10
1.0
0.1
.0 1
.00 1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
25
20
15
10
5
0
1
2
6
10
20
40
60
100
30
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
100
10
0.1
1
10
100
1
Tj= 25 C
f= 1.0MHz
Vsig = 50mVp -p
O
0.1
20
40
60
80
100
120
140
1.0
10
100
1000
T= 150 C
A
O
T= 100 C
A
O
T= 25 C
A
O
FIG.1MAXIMUM AVERAGE FORWARD CURRENT DERATING
FIG.2TYPICAL FORWARD CHARACTERISTICS
FIG.3MAXIMUM NON-REPEITIVE SURGE CURRENT
FIG.4TYPICAL JUNCTION CAPACITANCE
FIG.5TYPICAL REVERSE CHRACTERISTICS
INSTANEOUS FORWARD VOLTAGE,(V)
T= 25 C
A
O
PERCENT OF RATED PEAK INVERSE VOLTGE
www.dyelec.com
LEAD TEMPERATURE( C)
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com