Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S220L Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # S220L
Description  Low Power Loss,High Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

S220L Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  S220L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. S220L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
CJ
A
STG
J
JL
@T =100
@T =25
RRM
0
RECTIFIER
5
0.05
0.1
200
60A
10
2.0
plastic SMAF
S220
T
@IF=2.0A
60
2.0
S2
THRU
SURFACE MOUNT SCHOTTKY BARRIER
Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
·
Ideally Suited for Automatic Assembly
·
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band denotes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
V
Peak Reverse Current
℃
IR
mA
At Rated DC Blocking Voltage
℃
Typical Junction Capacitance (Note 2)
℃/W
Rθ
88
Operating Temperature Range
T
-55 to+150
℃
Storage Temperature Range
-55 to +150
℃
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
version:01
1of2
·
·
140
105
70
56
150
100
80
80
60
40
40
60
28
42
100
150
200
0.85
0.75
0.45
0.5
AMP
·
Surge Overload Rating to
Peak
A
pF
Typical Thermal Resistance per leg
S26L
S28L
S210L S215L S220L
S24L
SMAF
Dimiensions in inches and (milimeters)
L
L
L
L
4
4
www.dyelec.com
@T =90
℃
L
45
45
31
S245L
50
50
35
S25L


Similar Part No. - S220L

ManufacturerPart #DatasheetDescription
logo
RFE international
S220 RFE-S220 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-14-2022
logo
New Jersey Semi-Conduct...
S2200 NJSEMI-S2200 Datasheet
94Kb / 1P
5-A Silicon Controlled Rectifiers
logo
Stontronics Ltd.
S2200ST STONTRONICS-S2200ST Datasheet
1Mb / 2P
DSA-151A-XX 15 Watt Series Safety Certifications
logo
List of Unclassifed Man...
S2201 ETC2-S2201 Datasheet
450Kb / 1P
SKINTOP® SLN/SLRN Strain relief with NPT thread
2018
logo
Lapp.
S2201 LAPP-S2201 Datasheet
366Kb / 1P
SKINTOP® SLN/SLRN Strain Relief with NPT Thread
More results

Similar Description - S220L

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SK32BF SMC-SK32BF Datasheet
252Kb / 4P
Low power loss, high efficiency
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
S32 DYELEC-S32 Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS32U DYELEC-SS32U Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS52U DYELEC-SS52U Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
Low Power loss, High efficiency
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
Low power loss, high efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com