Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF21 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SF21
Description  2.0 AMP. Super Fast Plastic silic Rectifiers n o
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SF21 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SF21 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SF21 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: Molded plastic
50
2.0 AMP. Super Fast Plastic silic
Rectifiers
n
o
SF28
SF26
SF25
SF24
SF23
SF22
SF21
2.Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
Maximum Reverse Recovery Time (Note2 )
Typical Junction Capacitance (Note 3)
R
·Low forward voltage drop
·High current capability
·High reliability
·High surge current capability
Mechanical Data
·
DO-15
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
· Lead Free: For RoHS/Lead Free Version
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
Unit
VRM
V
VRMS
V
VDC
V
IO
A
IFSM
A
VFM
1.7
V
TRR
nS
Cj
pF
/W
Tj
℃
TSTG
℃
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
1of2
IR
uA
Typical Thermal Resistance Junction to
Ambient
25
Operating Temperature Range
-55 to + 125
Storage Temperature Range
-55 to + 150
At Rated DC Blocking Voltage @TA=125
℃
100
35
40
30
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
Forward Voltage
@IF=2.0A
0.95
1.25
Peak Reverse Current
@TA=25
℃
5.0
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
@TA=50
℃
2.0
SF21 THRU SF28
Features
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
420
600
400
300
200
150
100
50
280
210
140
105
70
35
600
400
300
200
150
100
50
MIN.
MIN.
DIA.
DIA.
DO-15
θJA
version:01
www.dyelec.com
℃


Similar Part No. - SF21

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF21 ZOWIE-SF21 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF21

ManufacturerPart #DatasheetDescription
logo
Bytes
SF21 BYTES-SF21 Datasheet
161Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF21 FORMOSA-SF21 Datasheet
36Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
SF24GH FORMOSA-SF24GH Datasheet
62Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
SF28 FORMOSA-SF28 Datasheet
65Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
SF21 FCI-SF21 Datasheet
162Kb / 2P
2.0 Amp SUPER FAST PLASTIC RECTIFIERS
logo
UNIOHM CORPORATION
SF21 UNIOHM-SF21 Datasheet
70Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF21 GWSEMI-SF21 Datasheet
71Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES2A DGNJDZ-ES2A Datasheet
134Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF21 LUGUANG-SF21 Datasheet
1Mb / 2P
2.0 AMP. Super Fast Rectifiers
logo
Shenzhen Yixinwei Techn...
SF21 YIXIN-SF21 Datasheet
262Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com