Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC58P01YV Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC58P01YV
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P01YV Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC58P01YV Datasheet HTML 1Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 2Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 3Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 4Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 5Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 6Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 7Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 8Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC58P01
Absolute Maximum Ratings
(1)
Output Voltage (VCE) ....................................................+80V
Logic Supply Voltage (VDD) ..........................................+15V
Input Voltage Range (VIN) ..................... –0.3V to VDD +0.3V
Operating Temperature Range (TA) ............ –55°C to +85°C
Storage Temperature Range (TS) .............–65°C to +125°C
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings
(2)
Package Power Dissipation, PD
MIC58P01YV .............................................................. 1.6W
Derate above TA = +25°C .....................................16mW/°C
MIC58P01YWM .......................................................... 1.4W
Derate above TA = +25°C .....................................14mW/°C
Operating Temperature Range (TA)............ –40°C to +85°C
Electrical Characteristics
(4)
VDD = 5V, TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ICEX
Output Leakage
Current
VCE = 80V, TA = +25°C
50
µA
VCE = 80V, TA = +70°C
100
VCE(SAT)
Collector-Emitter
Saturation Voltage
IC = 100mA
0.9
1.1
V
IC = 200mA
1.1
1.3
IC = 350mA
1.3
1.6
VIN(0)
Input Voltage (Low)
1.0
V
VIN(1)
Input Voltage (High)
VDD = 12V
10.5
VDD = 10V
8.5
VDD = 5V, Note 5
3.5
RIN
Input Resistance
VDD = 12V
50
200
k
Ω
VDD = 10V
50
300
VDD = 5V
50
600
IDD(1ON)
Supply Current
One Driver ON, VDD = 12V, Outputs Open
3.3
4.5
mA
One Driver ON, VDD = 10V, Outputs Open
3.1
4.5
One Driver ON, VDD = 5V, Outputs Open
2.4
3.6
IDD(ON)
All Drivers ON, VDD = 12V, Outputs Open
6.4
10.0
mA
All Drivers ON, VDD = 10V, Outputs Open
6.0
9.0
All Drivers ON, VDD = 5V, Outputs Open
4.7
7.5
IDD(OFF)
All Drivers OFF, VDD = 12V, Outputs Open, Inputs = 0V
3.0
4.5
mA
All Drivers OFF, VDD = 5V, Outputs Open, Inputs = 0V
2.2
3.6
IR
Clamp Diode Leakage
Current
VR = 80V, TA = +25°C
50
µA
VR = 80V, TA = +70°C
100
ILIM
Overcurrent Threshold
Per Output
500
mA
VSU
Start-Up Voltage
Note 6
3.5
4.0
4.5
V
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
Micrel CMOS devices have input-static protection but are susceptible to damage when exposed to extremely high static electrical charges.
4.
Specification for packaged product only.
5.
Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors to insure a minimum logic “1”.
6.
Under-Voltage Lockout is guaranteed to release device at no more than 4.5V, and disable the device at no less than 3.0V.
June 5, 2015
4
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com