Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0201 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-0201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0201 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-0201 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0201 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0201 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0201 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0201 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0201 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0201 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Selection Guide
Small-
Widebody
Minimum CMR
Input
8-Pin DIP (300 Mil)
Outline SO-8
(400 Mil)
Hermetic
On-
Single
Dual
Single
Single
Single and
dV/dt
Current
Channel
Channel
Channel
Channel
Dual Channel
(V/
µs) V
CM (V)
(mA)
Package
Package
Package
Package
Packages
1,000
50
1.6
HCPL-2200[1,2]
HCPL-0201
HCNW2201
HCPL-2201
HCPL-2202
1.8
HCPL-2231
2,500
400
1.6
HCPL-2219[1,2]
5,000[3]
300[3]
1.6
HCPL-2211
HCPL-0211
HCNW2211
HCPL-2212
1.8
HCPL-2232
1,000
50
2.0
HCPL-52XX[2]
HCPL-62XX[2]
Notes:
1. HCPL-2200/2219 devices include output enable/disable function.
2. Technical data for the HCPL-2200/2219, HCPL-52XX and HCPL-62XX are on separate Agilent publications.
3. Minimum CMR of 10 kV/
µs with V
CM = 1000 V can be achieved with input current, IF, of 5 mA.
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-2211#XXX
060 = VDE 0884 VIORM = 630 V peak Option*
300 = Gull Wing Surface Mount Option**
500 = Tape and Reel Packaging Option
Option data sheets available. Contact your Agilent sales representative or authorized distributor for
information.
*For HCPL-2211/2212 only.
**Gull wing surface mount option applies to through hole parts only.
Schematic
HCPL-2201/02/11/12
HCPL-0201/11
HCNW2201/11
IF
SHIELD
VF
VCC
VO
GND
ICC
IO
+
–
2
3
8
5
IF1
SHIELD
VF1
VCC
VO1
ICC
IO1
+
–
1
2
8
6
HCPL-2231/32
SHIELD
VF2
VO2
GND
IO2
–
+
3
4
5
IF2
7
HCPL-2232 and HCNW2211
guarantees common mode
transient immunity of 10 kV/
µs at
a common mode voltage of 1000
volts.
The electrical and switching
characteristics of the HCPL-
22XX, HCPL-02XX and
HCNW22XX are guaranteed from
-40
°C to +85°C and a V
CC from
4.5 volts to 20 volts. Low IF and
wide VCC range allow compatibil-
ity with TTL, LSTTL, and CMOS
logic and result in lower power
consumption compared to other
high speed couplers. Logic signals
are transmitted with a typical
propagation delay of 150 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com