Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX408AL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX408AL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX408AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX408AL Datasheet HTML 1Page - Sony Corporation ICX408AL Datasheet HTML 2Page - Sony Corporation ICX408AL Datasheet HTML 3Page - Sony Corporation ICX408AL Datasheet HTML 4Page - Sony Corporation ICX408AL Datasheet HTML 5Page - Sony Corporation ICX408AL Datasheet HTML 6Page - Sony Corporation ICX408AL Datasheet HTML 7Page - Sony Corporation ICX408AL Datasheet HTML 8Page - Sony Corporation ICX408AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ICX408AL
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
Description
The ICX408AL is an interline CCD solid-state
image sensor suitable for EIA B/W video cameras
with a diagonal 6mm (Type 1/3) system. Compared
with the conventional product ICX058CL, basic
characteristics such as sensitivity, smear, dynamic
range and S/N are improved drastically.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time.
This chip is suitable for applications such as surveillance
cameras, automotive cameras, etc.
Features
• High sensitivity (+5dB compared with the ICX058CL)
• Low smear (–15dB compared with the ICX058CL)
• High D range (+4dB compared with the ICX058CL)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• Reset gate:
5V drive
• Horizontal register: 5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Number of effective pixels: 768 (H)
× 494 (V) approx. 380K pixels
• Total number of pixels:
811 (H)
× 508 (V) approx. 410K pixels
• Chip size:
5.59mm (H)
× 4.68mm (V)
• Unit cell size:
6.35µm (H)
× 7.40µm (V)
• Optical black:
Horizontal (H) direction : Front 3 pixels, rear 40 pixels
Vertical (V) direction
: Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
E00610B28
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
3
40
2
12
Pin 9
H
Optical black position
(Top View)
16 pin DIP (Plastic)
∗
Super HAD CCD is a trademark of Sony Corporation. The Super HAD CCD is a version of Sony's high performance CCD HAD (Hole-
Accumulation Diode) sensor with sharply improved sensitivity by the incorporation of a new semiconductor technology developed by Sony
Corporation.


Similar Part No. - ICX408AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX408AK SONY-ICX408AK Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX408AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX058ALB SONY-ICX058ALB Datasheet
442Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Cameras?
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX405AL SONY-ICX405AL Datasheet
174Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com