Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA1254-H-R68M Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDA1254-H-R68M
Description  Metal Alloy Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDA1254-H-R68M Datasheet(HTML) 1 Page - TOKO, Inc

  FDA1254-H-R68M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FDA1254
Inductance Range: 0.68~8.0
H
Tolerance:±0.3
(Unit: mm)
(Unit: mm)
FEATURES
特長
 13.5  12.6mm square and 5.4mm Max. height.
 Magnetically shielded construction low DC resistance.
 The use of magnetic iron powder ensures capability for
large current.
 Low audible core noise.
 Ideal for DC-DC converter applications in hand held
personal computer and etc.
 13.5  12.6 角、高さ5.4mm Max.
 閉磁路構造、低直流抵抗
 磁性材に鉄系磁性粉を用いた大電流対応
 低コア鳴きノイズ
 DC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE FDA1254 (Quantity/reel; 500 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Dimension (mm)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=20%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
A
B
C
FDA1254-H-R68M=P3
0.68
20
1.5 (1.24)
29.1 (38.8)
23.7 (29.7)
13.5
1.8
7.7
FDA1254-H-1R0M=P3
1.0
20
2.0 (1.63)
25.2 (33.7)
20.5 (25.7)
13.5
1.8
7.7
FDA1254-H-1R2M=P3
1.2
20
2.6 (2.05)
20.2 (26.9)
18.4 (23.1)
13.5
1.8
7.7
FDA1254-H-2R2M=P3
2.2
20
4.5 (3.61)
14.7 (19.6)
14.2 (17.8)
13.2
1.5
7.6
FDA1254-H-3R3M=P3
3.3
20
7.0 (5.51)
13.1 (17.5)
11.5 (14.4)
12.9
1.2
7.6
FDA1254-H-4R7M=P3
4.7
20
8.8 (7.12)
11.2 (14.9)
10.2 (12.8)
12.9
1.2
7.6
FDA1254-H-5R6M=P3
5.6
20
9.4 (7.8)
10.8 (14.4)
9.1 (11.4)
12.9
1.2
7.6
FDA1254-H-8R0M=P3
8.0
20
16.0 (12.8)
9.1 (12.3)
7.1 (8.9)
12.9
1.2
7.6
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Inductance Decrease Current based upon 20% inductance
reduction from the initial value.
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 25°C)
(5) Absolute maximum voltage 30VDC.
NOTICE: Please be sure that you carefully discuss your planned
purchase with our sales division if you intend to use the
product for business use etc. is severe.
(1) インダクタンスはLCR メータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの
値が初期値より20%減少する直流電流値。
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度25°Cを基準とする。)
(5) 絶対最大電圧
30VDC
ご注意:業務用など、厳しい使用条件でのご使用をご検討の場合
は必ず事前に弊社営業窓口までご相談ください。
L
L
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ®インダクタ


Similar Part No. - FDA1254-H-R68M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
FDA1254-H-R68M MURATA-FDA1254-H-R68M Datasheet
980Kb / 2P
Inductor
More results

Similar Description - FDA1254-H-R68M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201612C TOKO-DFE201612C Datasheet
76Kb / 1P
Metal Alloy Inductors
DFE252010P TOKO-DFE252010P Datasheet
186Kb / 1P
Metal Alloy Inductors
FCUL1040 TOKO-FCUL1040 Datasheet
106Kb / 1P
Metal Alloy Inductors
FDSD0312 TOKO-FDSD0312 Datasheet
105Kb / 1P
Metal Alloy Inductors
FDSD0630 TOKO-FDSD0630 Datasheet
106Kb / 1P
Metal Alloy Inductors
FDU1040D TOKO-FDU1040D Datasheet
117Kb / 1P
Metal Alloy Inductors
DFE201610P TOKO-DFE201610P_16 Datasheet
221Kb / 1P
Metal Alloy Inductors
FDSD0512 TOKO-FDSD0512_16 Datasheet
263Kb / 1P
Metal Alloy Inductors
FCUL0624 TOKO-FCUL0624_16 Datasheet
237Kb / 1P
Metal Alloy Inductors
FDVE0630 TOKO-FDVE0630_16 Datasheet
264Kb / 1P
Metal Alloy Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com