Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17505 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXM17505
Description  Offers Flexibility for Power-Design Optimization
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17505 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXM17505 Datasheet HTML 1Page - Maxim Integrated Products MAXM17505 Datasheet HTML 2Page - Maxim Integrated Products MAXM17505 Datasheet HTML 3Page - Maxim Integrated Products MAXM17505 Datasheet HTML 4Page - Maxim Integrated Products MAXM17505 Datasheet HTML 5Page - Maxim Integrated Products MAXM17505 Datasheet HTML 6Page - Maxim Integrated Products MAXM17505 Datasheet HTML 7Page - Maxim Integrated Products MAXM17505 Datasheet HTML 8Page - Maxim Integrated Products MAXM17505 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IN to PGND (Note 2) .............................................-0.3V to +65V
EN to SGND (Note 2)............................................-0.3V to +65V
VCC.............................................-0.3V to min (VIN + 0.3V, 6.5V)
FB, RESET, SS, CF, MODE,
SYNC, RT to SGND .........................................-0.3V to +6.5V
OUT to PGND (VIN < 25V).........................-0.3V to (VIN + 0.3V)
OUT to PGND (VIN ≥ 25V)....................................-0.3V to +25V
LX to PGND................................................-0.3V to (VIN + 0.3V)
BST to PGND........................................................-0.3V to +70V
BST to VCC ...........................................................-0.3V to +65V
BST to LX.............................................................-0.3V to +6.5V
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+125°C
Storage Temperature Range............................ -65°C to +125°C
Lead Temperature (soldering, 10s) .................................+245°C
Junction-to-Ambient Thermal Resistance (θJA) ...........25.2°C/W
Junction-to-Top-Case Thermal Resistance (YJT) ..........5.2°C/W
Electrical Characteristics
(VIN = VEN = 24V, RRT = 40.2kΩ (500kHz) to SGND, VPGND = VMODE = VSYNC = VSGND = 0V, VCC = LX = SS = RESET = OUT = open,
VBST to VLX = 5V, VFB = 1V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are
referenced to SGND, unless otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY (VIN)
IN Input Voltage Range
VIN
4.5
60
V
Input Shutdown Current
IIN_SH
VEN = 0V
10.5
13
μA
Input Quiescent Current
IQ_PFM_HIB MODE = RT = open
125
μA
IQ_DCM
MODE = VCC
1.16
1.8
mA
IQ_PWM
Normal switching mode, no load
9.5
mA
LOGIC INPUTS
EN Threshold
VENR
VEN rising
1.192
1.215
1.26
V
VENF
VEN falling
1.068
1.09
1.131
V
Enable Pullup Resistor
RENP
Pullup resistor between IN and EN pins
3.15
3.3
3.45
MΩ
LDO
VCC Output Voltage Range
VCC
6V < VIN < 60V, 1mA < IVCC < 25mA
4.75
5
5.25
V
VCC Current Limit
IVCC_MAX VIN = 6V, VCC = 4.3V
26.5
60
100
mA
VCC Dropout
VCC_DO VIN = 4.5V, IVCC = 20mA
4.2
V
VCC UVLO
VCC_UVR VCC rising
4.05
4.2
4.3
V
VCC_UVF VCC falling
3.65
3.8
3.9
OUTPUT SPECIFICATIONS
Line Regulation Accuracy
VIN = 6.5V to 60V, VOUT = 5V
0.1
mV/V
Load Regulation Accuracy
Tested with IOUT = 0A and 1A
1
mV/A
MAXM17505
4.5V to 60V, 1.7A High-Efficiency, DC-DC Step-
Down Power Module with Integrated Inductor
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: SGND and PGND are internally connected.
Note 2: See Pin Description for the connection of the backside exposed pad.
Note 3: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com