Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFSMC2-R47M Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XFSMC2-R47M
Description  High-Current Cube Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFSMC2-R47M Datasheet(HTML) 1 Page - XFMRS Inc.

  XFSMC2-R47M Datasheet HTML 1Page - XFMRS Inc. XFSMC2-R47M Datasheet HTML 2Page - XFMRS Inc. XFSMC2-R47M Datasheet HTML 3Page - XFMRS Inc. XFSMC2-R47M Datasheet HTML 4Page - XFMRS Inc. XFSMC2-R47M Datasheet HTML 5Page - XFMRS Inc. XFSMC2-R47M Datasheet HTML 6Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.xfmrs.com
info@xfmrs.com
152-160 Tai Lin Pai Rd.
Kwai Chung, NT, Hong Kong
(852)2423-1689
pyiu@xfmrs.com.hk
Rev: A/-
7570 E. Landersdale Rd.
Camby, IN 46113
Phone:
(317) 834-1066
XFSMC2-xxx Series
High-Current Cube Inductors
Inductance Range: 0.22uH—10.0uH
Current Ratings: 9.0A—27.0A
Surface Mount Package
Custom Values Available Upon Request
Part Number
Inductance
100KHz, 10mA
(uH) ±20%
Rated Current
(40C temp rise)
Saturation
Current (30%
drop in OCL)
DCR (mΩ)
Typ
DCR (mΩ)
Max
SRF MHz
Typ
XFSMC2-R22M
0.22
27.0A
60.0A
1.10
1.50
280
XFSMC2-R33M
0.33
27.0A
55.0A
1.10
1.50
214
XFSMC2-R47M
0.47
26.0A
48.0A
1.35
1.85
138
XFSMC2-R68M
0.68
26.0A
38.0A
1.35
1.85
108
XFSMC2-R82M
0.82
24.0A
36.0A
1.85
2.50
99
XFSMC2-1R0M
1.00
24.0A
32.0A
1.85
2.50
96
XFSMC2-1R5M
1.50
19.5A
27.0A
2.95
3.50
92
XFSMC2-2R2M
2.20
18.0A
23.0A
3.90
4.30
64
XFSMC2-3R3M
3.30
17.0A
17.0A
5.20
5.70
44
XFSMC2-4R7M
4.70
15.5A
17.0A
7.25
7.90
43
XFSMC2-6R8M
6.80
13.0A
13.0A
10.15
11.0
42
XFSMC2-8R2M
8.20
13.0
12.0
10.60
11.8
34
XFSMC2-100M
10.0
9.0A
10.0A
15.35
16.7
29
Notes:
1.
Solderability: Leads shall meet MIL-STD-2020G, Method
208H for solderability
2.
Flammability: UL94V-0
3.
ASTM oxygen index: > 28%
4.
Insulation System: Class F 155°C. UL file E151556
5.
All listed parameters are to be within tolerance from –40°C
_
to +85°C unless otherwise noted
6.
Storage Temperature Range: -55°C to +125°C
7.
Aqueous wash compatible
8.
Electrical and mechanical specifications 100% tested
9.
RoHS Compliant Component


Similar Part No. - XFSMC2-R47M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSMC3-100M XFMRS-XFSMC3-100M Datasheet
49Kb / 1P
INDUCOTR
XFSMC3-100M XFMRS-XFSMC3-100M Datasheet
525Kb / 6P
High-Current Cube Inductors
XFSMC3-1R0M XFMRS-XFSMC3-1R0M Datasheet
49Kb / 1P
Solderability leads shall meet MIL-STD-202G
XFSMC3-1R0M XFMRS-XFSMC3-1R0M Datasheet
525Kb / 6P
High-Current Cube Inductors
XFSMC3-1R5M XFMRS-XFSMC3-1R5M Datasheet
49Kb / 1P
INDUCOTR
More results

Similar Description - XFSMC2-R47M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSMC3-XXX XFMRS-XFSMC3-XXX Datasheet
525Kb / 6P
High-Current Cube Inductors
XFSMC4 XFMRS-XFSMC4 Datasheet
525Kb / 6P
High Current Cube Inductors
logo
Wurth Elektronik GmbH &...
7443320047 WURTH-7443320047_15 Datasheet
1Mb / 6P
WE-HCC SMD High Current Cube Inductor
7443320220 WURTH-7443320220_15 Datasheet
1Mb / 6P
WE-HCC SMD High Current Cube Inductor
7443320680 WURTH-7443320680_15 Datasheet
1Mb / 6P
WE-HCC SMD High Current Cube Inductor
7443330680 WURTH-7443330680_15 Datasheet
1Mb / 6P
WE-HCC SMD High Current Cube Inductor
7443340470 WURTH-7443340470_15 Datasheet
1Mb / 6P
WE-HCC SMD High Current Cube Inductor
logo
TT Electronics.
HM37 TTELEC-HM37 Datasheet
578Kb / 2P
High Current Low Loss Ferrite Cube Inductors
HM56 TTELEC-HM56 Datasheet
505Kb / 2P
High Current Low Loss Ferrite Cube Inductors
logo
Littelfuse
05903 LITTELFUSE-05903 Datasheet
158Kb / 3P
24V 100A HIGH-CURRENT CUBE-STYLE DC COIL RELAY
2022 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com