Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17514 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXM17514
Description  Saves Board Space in Space-Constrained Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17514 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXM17514 Datasheet HTML 1Page - Maxim Integrated Products MAXM17514 Datasheet HTML 2Page - Maxim Integrated Products MAXM17514 Datasheet HTML 3Page - Maxim Integrated Products MAXM17514 Datasheet HTML 4Page - Maxim Integrated Products MAXM17514 Datasheet HTML 5Page - Maxim Integrated Products MAXM17514 Datasheet HTML 6Page - Maxim Integrated Products MAXM17514 Datasheet HTML 7Page - Maxim Integrated Products MAXM17514 Datasheet HTML 8Page - Maxim Integrated Products MAXM17514 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
INtoPGND .............................................................-0.3V to +6V
VCCtoGND ............................................................-0.3V to +6V
VCCtoIN.................................................................-0.3V to +6V
ENtoGND ..............................................................-0.3V to +6V
FB,POKtoGND ...................................... -0.3V to (VCC + 0.3V)
OUT,EP3toGND ......................................-0.6V to (VIN + 0.3V)
PGNDtoGND......................................................-0.3V to +0.3V
EP1toGND..........................................................-0.3V to +0.3V
EP2toPGND ......................................... -0.3V to + (VIN + 0.3V)
EP2toGND............................................ -0.6V to + (VIN + 0.3V)
ContinuousPowerDissipation(TA = +70°C)
28-PinSIP(derate37mW/°Cabove+70°C) ............2000mW
OperatingTemperatureRange......................... -40°C to +125°C
Junction Temperature......................................................+125°C
StorageTemperatureRange............................ -55°C to +150°C
LeadTemperature(soldering,10s) .................................+245°C
SiP
Junction-to-AmbientThermalResistance(qJA)...........25°C/W
Junction-to-CaseThermalResistance(qJC) .................6°C/W
(Note 1)
(VIN = VCC = VEN = 5V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.
See Typical Application Circuit.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY (VIN)
INInputVoltageRange
VIN
2.4
5.5
V
VIN = VCC
4.5
5.5
INUndervoltageThreshold
Risingedge(100mVhysteresis)
2.05
2.19
2.4
V
INStandbySupplyCurrent
IQ
VIN = VCC = 4.5V, no load
1
5.5
μA
VCC SUPPLY
VCCInputVoltageRange
VCC
4.5
5.5
V
VCC Undervoltage Threshold
Risingedge(160mVhysteresis)
3.9
4.2
4.5
V
VCC Shutdown Supply Current
IVCC_SHD
EN=GND,POKunconnected,measured
at VCC, TA = +25°C
0.1
1.0
μA
VCC Supply Current
IVCC
Regulatorenabled,noload,noswitching
(VFB = 1V)
62
135
μA
OUTPUT
Output Voltage Programmable
Range
VOUT
VIN = VCC = 5.2V, ILOAD = 2A
(see derating curve for VOUT > 2.5V)
0.754
3.6
V
UnityGainOutput-Voltage
Tolerance/FBaccuracy
FB=OUT,noload
0.757
0.770
0.783
V
FBLoadRegulationAccuracy
(RDROOP)
2A<IOUT<4A,FB=OUT
-7.5
-4.4
-1
mV/A
FBLineRegulationAccuracy
FB=OUT,noload,2.4V<VIN < 5.5V
1.253
4.5
mV/V
FBInputBiasCurrent
TA = -40°C to +125°C (Note 3)
-0.1
-0.015
+0.1
μA
MAXM17514
4A, 2.4V to 5.5V Input,
High-Efficiency Power Module
www.maximintegrated.com
MaximIntegrated│ 2
Note 1: PackagethermalresistanceswereobtainedusingthemethoddescribedinJEDECspecificationJESD51-7,usingafour-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com