Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4148 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # LS4148
Description  DIODES, Signal(Surface Mount)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

LS4148 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  LS4148 Datasheet HTML 1Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ww
w.a
lko
n.n
et +
7 (8
12)
560
-03
-27
01945 47 47 47
q
01945 47 48 49
DIODES, Signal(Surface Mount)
SEMICONDUCTORS
248
LL4148 / LS4148 / MCL4148
SOD80 package (LL4148), Quadro MELF package (LS4148) and Micro MELF (MCL4148) versions of the 1N4148. Electrical specification as
axial lead shown on the previous page. Supplied taped and reeled in quantities of 2K5 or 10Kpcs.
Cathode
0.35
3.5
0.35
Round body
1.4 dia.
Package
Order Code
SOD80
LL4148
Quadro MELF
LS4148
Micro MELF
MCL4148
Dimensions (mm)
SOD80
Cathode
0.35
3.5
0.35
Square body
1.4 sq.
SPLT
Manufacturers smallest factory pack quantity
for lot integrity and traceability.
2K5 pcs
REELS (Plastic)
TAPE (Plastic)
9.5
Ø330
(10Kpcs)
Ø60
Ø
13
1.5
Ø178
(2K5pcs)
2.0
4.0
Ø1.5
1.75
8.0
3.5
4.0
5.5
0.3
1.8
(1.4)
3.8
(2.5)
SUPPLIED IN FULL REELS ONLY
Quadro MELF
Cathode
0.2
2.0
0.2
Square body
1.25 dia.
1.1sq.
Micro MELF
Reel quantity 2K5 or 10Kpcs
(MCL4148 size differences in brackets)
Reel quantity 10Kpcs
LL4448
SOD80 package version of the 1N4448. Electrical specification as axial lead shown on the previous page. Supplied taped and reeled in
quantities of 10Kpcs.
Cathode
0.35
3.5
0.35
Round body
1.4 dia.
Package
Order Code
SOD80
LL4448
Dimensions (mm)
Packaging
Packaging
SOD80
SPLT
Manufacturers smallest factory pack quantity
for lot integrity and traceability.
10K pcs
REELS (Plastic)
TAPE (Plastic)
9.5
Ø330
Ø60
Ø
13
1.5
2.0
4.0
Ø1.5
1.75
8.0
3.5
4.0
5.5
0.3
1.8
3.8
SUPPLIED IN FULL REELS ONLY


Similar Part No. - LS4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4148 VISHAY-LS4148 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Rectron Semiconductor
LS4148 RECTRON-LS4148 Datasheet
16Kb / 1P
1N4148 Quadro MELF SIGNAL DIODE
logo
Jinan Gude Electronic D...
LS4148 JGD-LS4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Semtech Corporation
LS4148 SEMTECH-LS4148 Datasheet
99Kb / 2P
Silicon Expitaxial Planar Diode?
logo
Diodes Incorporated
LS4148 DIODES-LS4148 Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30003 Rev. A-2
More results

Similar Description - LS4148

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
LS4148 DIOTEC-LS4148_07 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
Surface Mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS_11 Datasheet
96Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com