Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M685 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M685
Description  DUAL SAW, SELECTABLE FREQUENCY VCSO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M685 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M685 Datasheet HTML 1Page - Integrated Circuit Systems M685 Datasheet HTML 2Page - Integrated Circuit Systems M685 Datasheet HTML 3Page - Integrated Circuit Systems M685 Datasheet HTML 4Page - Integrated Circuit Systems M685 Datasheet HTML 5Page - Integrated Circuit Systems M685 Datasheet HTML 6Page - Integrated Circuit Systems M685 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
M685 Datasheet Rev 0.4
4 of 7
Revised 16Nov2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M685
DUAL SAW, SELECTABLE FREQUENCY VCSO
Preliminar y In f o r m atio n
ELECTRICAL SPECIFICATIONS FOR M685-02
DC Characteristics for M685-02
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Freq.’s = 622.08, 669.3266MHz, Outputs terminated into 180Ω to ground
Symbol Parameter
Pin
Min
Typ
Max
Unit
Power Supply V
CC
Positive Supply Voltage
VCC
2.97
3.3
3.63
V
I
CC
Power Supply Current
90
125
mA
Control
Voltage
V
IN
Input Control Voltage Range
VIN
0
3.3
V
V
IN Input Impedence
100
k
Ω
Frequency
Select1
Note 1: Internally pulled down to Logic 0 (Frequency 1) if left unselected.
V
IH
Input High Voltage
F_SEL
2
Vcc + 0.3 V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
5
µA
I
IL
Input Low Current
-150
µA
Rpulldown Internal Pull-down Resistor
51
k
Ω
Differential
Outputs
V
OH
Output High Voltage
FOUT, nFOUT
Vcc - 0.98
Vcc - 0.75 V
V
OL
Output Low Voltage
Vcc - 1.95
Vcc - 1.63 V
V
P
-P
Peak to Peak Output Voltage2
Note 2: Single-ended measurement. See Figure 3, Output Rise and Fall Time, on pg. 5.
0.450
0.625
0.85
V
P
-P
I
OUT
Output Current
20
mA
Table 7: DC Characteristics for M685-02
AC Characteristics for M685-02
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Freq.’s = 622.08, 669.3266MHz, Outputs terminated into 180Ω to ground
Symbol Parameter
Min
Typ
Max
Unit Notes
Control Voltage V
IN
Modulation Bandwidth
VIN
600
kHz
Output
F
OUT
Output Center Frequency Range M685-02
500
700
MHz
APR
Absolute (Guaranteed) Pull-Range 1
Note 1: Also fully meets ±50 ppm minimum pull-range specification that is commonly required.
±120
ppm
f
STAB
Frequency Stability
100
ppm p-p At any givin VIN
L
IN
Tuning Linearity
6
%
VIN = 0.3 to 3.0V
Best fit straight line
K
VCO
VCO Gain
@622.08MHz
400
ppm/V VIN = 0.3 to 3.0V
Non-harmonic Spurious
-50
-77
dBc
Φn
SSB (single sideband)
Phase Noise, offset
from carrier
@622.08MHz
100Hz Offset
-42
dBc/Hz
1kHz Offset
-72
dBc/Hz
10kHz Offset
-102
dBc/Hz
100kHz Offset
-127
dBc/Hz
1MHz Offset
-146
dBc/Hz
J(t)
Jitter (rms)
@622.08MHz
12kHz to 20MHz
0.22
ps rms
50kHz to 80MHz
0.16
ps rms
odc
Output Duty Cycle 2
Note 2: See Parameter Measurement Information on pg. 5.
45
55
%
t
R
Output Rise Time 2 for FOUT, nFOUT
275
400
ps
20
% to 80%
t
F
Output Fall Time 2 for FOUT, nFOUT
275
400
ps
20
% to 80%
Table 8: AC Characteristics for M685-02



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com