Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLM3225-R10J Datasheet(PDF) 2 Page - TOKO, Inc

Part # LLM3225-R10J
Description  Wire Wound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLM3225-R10J Datasheet(HTML) 2 Page - TOKO, Inc

  LLM3225-R10J Datasheet HTML 1Page - TOKO, Inc LLM3225-R10J Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
STANDARD PART NUMBERS
標準品一覧
TYPE LLM3225 (Quantity/reel; 2,000 PCS)
品番
インダクタンス
(1)
許容差
Q
測定周波数
直流抵抗
(2)
最大許容電流
(3)
自己共振周波数
Part
Number
Inductance
(1)
Tolerance
Q
Min.
Test
Frequency
(MHz)
DC
Resistance
(2)
(
) Max.
Rated DC
Current
(3)
(mA) Max.
Self-resonant
Frequency
(MHz) Min.
Lo (
H)
(%)
LLM3225-R68J
0.68
±5
35
25.2
0.50
400
130
LLM3225-R82J
0.82
±5
35
25.2
0.55
380
110
LLM3225-1R0J
1.0
±5
35
7.96
0.50
370
140
LLM3225-1R2J
1.2
±5
35
7.96
0.55
350
120
LLM3225-1R5J
1.5
±5
35
7.96
0.60
330
100
LLM3225-1R8J
1.8
±5
35
7.96
0.65
315
95
LLM3225-2R2J
2.2
±5
35
7.96
0.70
300
90
LLM3225-2R7J
2.7
±5
35
7.96
0.80
280
80
LLM3225-3R3J
3.3
±5
35
7.96
0.90
265
70
LLM3225-3R9J
3.9
±5
30
7.96
1.0
250
60
LLM3225-4R7J
4.7
±5
30
7.96
1.2
240
55
LLM3225-5R6J
5.6
±5
30
7.96
1.4
230
50
LLM3225-6R8J
6.8
±5
30
7.96
1.6
220
45
LLM3225-8R2J
8.2
±5
30
7.96
1.8
210
40
LLM3225-100J
10.0
±5
30
2.52
1.7
220
27
LLM3225-120J
12.0
±5
30
2.52
1.9
200
23
LLM3225-150J
15.0
±5
30
2.52
2.2
180
20
LLM3225-180J
18.0
±5
30
2.52
2.5
160
18
LLM3225-220J
22.0
±5
30
2.52
2.8
140
16
LLM3225-270J
27.0
±5
30
2.52
4.2
120
15
LLM3225-330J
33.0
±5
30
2.52
4.8
110
14
LLM3225-390J
39.0
±5
30
2.52
5.4
100
13
LLM3225-470J
47.0
±5
30
2.52
6.0
95
12
LLM3225-560J
56.0
±5
30
2.52
7.0
90
11
LLM3225-680J
68.0
±5
30
2.52
8.0
85
10
LLM3225-820J
82.0
±5
30
2.52
9.0
80
9
LLM3225-101J
100.0
±5
20
0.796
9.0
70
9
LLM3225-121J
120.0
±5
20
0.796
10.0
65
8
LLM3225-151J
150.0
±5
20
0.796
11.0
60
7
LLM3225-181J
180.0
±5
20
0.796
12.0
55
6.5
LLM3225-221J
220.0
±5
20
0.796
20.0
45
6
LLM3225-271J
270.0
±5
20
0.796
23.0
43
5.5
LLM3225-331J
330.0
±5
20
0.796
26.0
40
5
LLM3225-391J
390.0
±5
20
0.796
29.0
35
4.5
LLM3225-471J
470.0
±5
20
0.796
32.0
31
4
LLM3225-561J
560.0
±5
20
0.796
50.0
28
3.6
LLM3225-681J
680.0
±5
20
0.796
55.0
25
3.3
LLM3225-821J
820.0
±5
20
0.796
60.0
22
3
LLM3225-102J
1000.0
±5
10
0.252
70.0
19
2.5
※Note 使用上の注意
Operating frequency bands on a set of each article number is equal to or less than measurement frequency.
各品番のセット上での使用周波数帯域は測定周波数以下で必ずご使用願います
(1) Inductance is measured with a LCR meter 4194A (*) or 4291A (*)
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
20°C, whichever is smaller. (Reference ambient temperature
20°C)
* Agilent Technologies
(1) インダクタンスはLCRメータ4194A (Agilent Technologies)または
4291A (Agilent Technologies)により測定する。
(2) 直流抵抗はデジタルマルチメータTR6871 (Advantest)または同等
品により測定する。
(3)最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コイ
ルの温度が20°C上昇の何れか小さい値。(周囲温度20°Cを基準とす
る)
Wire Wound Chip Inductors
巻線チップインダクタ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com