Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLM3225-R22J Datasheet(PDF) 1 Page - TOKO, Inc

Part # LLM3225-R22J
Description  Wire Wound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLM3225-R22J Datasheet(HTML) 1 Page - TOKO, Inc

  LLM3225-R22J Datasheet HTML 1Page - TOKO, Inc LLM3225-R22J Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LLM3225
Inductance Range :0.1~1000
H
(Unit: mm)
Recommended patterns
推奨パターン図
FEATURES
特長
 Wire-wound miniature chip inductor most suitable for
surface mount.
 It is recommended for wide general use for signal
conditioning in a variety of electronic equipment.
 Wide inductance range from 0.1 to 1000H.
 Superior solderability and high heat-resistance for reflow
soldering.
 Excellent environmental and mechanical stability.
 巻線形構造の面実装小型チップインダクタ
 各種電子機器の信号処理用として、セットの薄形化、
高密度実装への対応に最適
 0.1~1000Hまでの幅広いインダクタンス範囲
 リフロはんだ付けが可能
 角形外装、金属端子構造による高い実装信頼性と優れた
機械的、耐候的信頼性
ELECTRICAL CHARACTERISTICS
電気的特性
 Inductance Range
0.1~1000
H
 Inductance Temperature Coefficient 750ppm/°C Max.
 Operating Temperature Range -40~+85°C
 Storage Temperature Range
-40~+85°C
(In case of taping used)
(-40~+60°C)
 インダクタンス範囲
0.1~1000
H
インダクタンス温度係数
750ppm/°C Max.
使用温度範囲
-40~+85°C
保存温度範囲
-40~+85°C
(テーピング状態)
(-40~+60°C)
STANDARD PART NUMBERS
標準品一覧
TYPE LLM3225 (Quantity/reel; 2,000 PCS)
品番
インダクタンス
(1)
許容差
Q
測定周波数
直流抵抗
(2)
最大許容電流
(3)
自己共振周波数
Part
Number
Inductance
(1)
Tolerance
Q
Min.
Test
Frequency
(MHz)
DC
Resistance
(2)
(
) Max.
Rated DC
Current
(3)
(mA) Max.
Self-resonant
Frequency
(MHz) Min.
Lo (
H)
(%)
LLM3225-R10J
0.10
±5
35
25.2
0.20
600
540
LLM3225-R12J
0.12
±5
35
25.2
0.20
580
480
LLM3225-R15J
0.15
±5
35
25.2
0.20
560
420
LLM3225-R18J
0.18
±5
35
25.2
0.25
540
380
LLM3225-R22J
0.22
±5
35
25.2
0.30
520
320
LLM3225-R27J
0.27
±5
35
25.2
0.30
500
260
LLM3225-R33J
0.33
±5
35
25.2
0.35
480
230
LLM3225-R39J
0.39
±5
35
25.2
0.40
460
200
LLM3225-R47J
0.47
±5
35
25.2
0.40
440
170
LLM3225-R56J
0.56
±5
35
25.2
0.45
420
150
continued on next page
次頁へ続く
2.5
2.4 Max.
1.9
1
2
1
Wire Wound Chip Inductors
巻線チップインダクタ


Similar Part No. - LLM3225-R22J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LLM3225-R22J MURATA-LLM3225-R22J Datasheet
743Kb / 2P
Inductor
More results

Similar Description - LLM3225-R22J

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2016T680K TAIYO-YUDEN-LB2016T680K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T680M TAIYO-YUDEN-LB2016T680M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com